Electronic Components Datasheet Search
  English  ▼

X  

ISP1521 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # ISP1521
Description  Hi-Speed Universal Serial Bus hub controller
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

ISP1521 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button ISP1521 Datasheet HTML 5Page - NXP Semiconductors ISP1521 Datasheet HTML 6Page - NXP Semiconductors ISP1521 Datasheet HTML 7Page - NXP Semiconductors ISP1521 Datasheet HTML 8Page - NXP Semiconductors ISP1521 Datasheet HTML 9Page - NXP Semiconductors ISP1521 Datasheet HTML 10Page - NXP Semiconductors ISP1521 Datasheet HTML 11Page - NXP Semiconductors ISP1521 Datasheet HTML 12Page - NXP Semiconductors ISP1521 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 53 page
background image
Philips Semiconductors
ISP1521
Hi-Speed USB hub controller
Product data
Rev. 03 — 24 November 2004
9 of 53
9397 750 13702
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
[1]
The maximum current the ISP1521 can sink on a pin is 8 mA.
[2]
Symbol names ending with underscore N (for example, NAME_N) represent active LOW signals.
[3]
To disable a downstream port n, connect both pins DPn and DMn to VCC (3.3 V); unused ports must
be disabled in reverse order starting from port 7.
[4]
Downstream ports 1 and 2 cannot be disabled.
GND
71
-
ground supply
GRN1_N
72
I/O
output — green LED port indicator (open-drain) for downstream
facing port 1
input — function of the pin when used as an input is given in
Table 9
AMB1_N
73
I/O
output — amber LED port indicator (open-drain) for
downstream facing port 1
input — function of the pin when used as an input is given in
Table 8
GRN6_N
74
I/O
output — green LED port indicator (open-drain) for downstream
facing port 6
input — function of the pin when used as an input is given in
Table 9
AMB6_N
75
I/O
output — amber LED port indicator (open-drain) for
downstream facing port 6
input — function of the pin when used as an input is given in
Table 8
GRN5_N
76
I/O
output — green LED port indicator (open-drain) for downstream
facing port 5
input — function of the pin when used as an input is given in
Table 9
AMB5_N
77
I/O
output — amber LED port indicator (open-drain) for
downstream facing port 5
input — function of the pin when used as an input is given in
Table 8
HUBGL_N
78
O
hub GoodLink LED indicator output; the LED is off until the hub
is configured; a transaction between the host and the hub will
blink the LED off for 100 ms; this LED is off in the suspend mode
(open-drain)
SCL
79
I/O
I2C-bus clock (open-drain); see Table 11
SDA
80
I/O
I2C-bus data (open-drain); see Table 11
Table 2:
Pin description[1]…continued
Symbol[2]
Pin
Type Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com