Electronic Components Datasheet Search
  English  ▼

X  

ISP1521 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # ISP1521
Description  Hi-Speed Universal Serial Bus hub controller
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

ISP1521 Datasheet(HTML) 2 Page - NXP Semiconductors

  ISP1521 Datasheet HTML 1Page - NXP Semiconductors ISP1521 Datasheet HTML 2Page - NXP Semiconductors ISP1521 Datasheet HTML 3Page - NXP Semiconductors ISP1521 Datasheet HTML 4Page - NXP Semiconductors ISP1521 Datasheet HTML 5Page - NXP Semiconductors ISP1521 Datasheet HTML 6Page - NXP Semiconductors ISP1521 Datasheet HTML 7Page - NXP Semiconductors ISP1521 Datasheet HTML 8Page - NXP Semiconductors ISP1521 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 53 page
background image
Philips Semiconductors
ISP1521
Hi-Speed USB hub controller
Product data
Rev. 03 — 24 November 2004
2 of 53
9397 750 13702
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
2.
Features
s Complies with:
x Universal Serial Bus Specification Rev. 2.0
x Advanced Configuration and Power Interface (ACPI™), OnNow™ and USB
power management requirements
s Supports data transfer at high-speed (480 Mbit/s), full-speed (12 Mbit/s) and
low-speed (1.5 Mbit/s)
s Self-powered capability
s USB suspend mode support
s Configurable number of ports
s Internal power-on reset and low voltage reset circuit
s Port status indicators
s Integrates high performance USB interface device with hub handler, Philips Serial
Interface Engine (SIE) and transceivers
s Built-in overcurrent detection circuit
s Individual or ganged power switching, individual or global overcurrent protection,
and non-removable port support by I/O pins configuration
s Simple I2C-bus (master/slave) interface to read device descriptor parameters,
language ID, manufacturer ID, product ID, serial number ID and string descriptors
from a dedicated external EEPROM, or to allow the microcontroller to set up hub
descriptors
s Visual USB traffic monitoring (GoodLink™) for the upstream facing port
s Uses 12 MHz crystal oscillator with on-chip Phase-Locked Loop (PLL) for low
ElectroMagnetic Interference (EMI)
s Supports temperature range from
−40 °C to +70 °C
s Available in LQFP80 package.
3.
Applications
s Monitor hubs
s Docking stations for notebooks
s Internal hub for USB motherboards
s Hub for extending Easy PCs
s Hub boxes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com