Electronic Components Datasheet Search
  English  ▼

X  

ISP1521 Datasheet(PDF) 20 Page - NXP Semiconductors

Part # ISP1521
Description  Hi-Speed Universal Serial Bus hub controller
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

ISP1521 Datasheet(HTML) 20 Page - NXP Semiconductors

Back Button ISP1521 Datasheet HTML 16Page - NXP Semiconductors ISP1521 Datasheet HTML 17Page - NXP Semiconductors ISP1521 Datasheet HTML 18Page - NXP Semiconductors ISP1521 Datasheet HTML 19Page - NXP Semiconductors ISP1521 Datasheet HTML 20Page - NXP Semiconductors ISP1521 Datasheet HTML 21Page - NXP Semiconductors ISP1521 Datasheet HTML 22Page - NXP Semiconductors ISP1521 Datasheet HTML 23Page - NXP Semiconductors ISP1521 Datasheet HTML 24Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 53 page
background image
Philips Semiconductors
ISP1521
Hi-Speed USB hub controller
Product data
Rev. 03 — 24 November 2004
20 of 53
9397 750 13702
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
11
bDescriptorType
-
03[2]
STRING
12 13
bString
-
50 00
P of Philips
14 15
-
68 00
h
16 17
-
69 00
i
18 19
-
6C 00
l
1A 1B
-
69 00
i
1C 1D
-
70 00
p
1E 1F
-
73 00
s
20 21
-
20 00
22 23
-
53 00
S of Semiconductors
24 25
-
65 00
e
26 27
-
6D 00
m
28 29
-
69 00
i
2A 2B
-
63 00
c
2C 2D
-
6F 00
o
2E 2F
-
6E 00
n
30 31
-
64 00
d
32 33
-
75 00
u
34 35
-
63 00
c
36 37
-
74 00
t
38 39
-
6F 00
o
3A 3B
-
72 00
r
3C 3D
-
73 00
s
String descriptor Index 2 (iProduct)
3E
bLength
-
10
string descriptor length (product ID)
3F
bDescriptorType
-
03[2]
STRING
40 41
bString
-
49 00
I of ISP1521
42 43
-
53 00
S
44 45
-
50 00
P
46 47
-
31 00
1
48 49
-
35 00
5
4A 4B
-
32 00
2
4C 4D
-
31 00
1
String descriptor Index 3 (iSerialNumber)
Remark: If supported, this string must be unique.
4E
bLength
-
3A
string descriptor length (serial number)
4F
bDescriptorType
-
03[2]
STRING
50 51
bString
-
39 00
9 of 947337877678 = wired support
52 53
-
34 00
4
54 55
-
37 00
7
Table 12:
ROM or EEPROM detailed map…continued
Address
(hex)
Content
Default
(hex)
Example
(hex)
Comment



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com