Electronic Components Datasheet Search
  English  ▼

X  

ISP1521 Datasheet(PDF) 27 Page - NXP Semiconductors

Part # ISP1521
Description  Hi-Speed Universal Serial Bus hub controller
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

ISP1521 Datasheet(HTML) 27 Page - NXP Semiconductors

Back Button ISP1521 Datasheet HTML 23Page - NXP Semiconductors ISP1521 Datasheet HTML 24Page - NXP Semiconductors ISP1521 Datasheet HTML 25Page - NXP Semiconductors ISP1521 Datasheet HTML 26Page - NXP Semiconductors ISP1521 Datasheet HTML 27Page - NXP Semiconductors ISP1521 Datasheet HTML 28Page - NXP Semiconductors ISP1521 Datasheet HTML 29Page - NXP Semiconductors ISP1521 Datasheet HTML 30Page - NXP Semiconductors ISP1521 Datasheet HTML 31Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 53 page
background image
Philips Semiconductors
ISP1521
Hi-Speed USB hub controller
Product data
Rev. 03 — 24 November 2004
27 of 53
9397 750 13702
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
[1]
Value in units of 2 ms.
Table 19:
Interface descriptor
Offset
(bytes)
Field name
Value (hex)
Comments
Full-speed
High-speed
0
bLength
09
09
descriptor length=9bytes
1
bDescriptorType
04
04
type = INTERFACE
2
bInterfaceNumber
00
00
-
3
bAlternateSetting
00
00
no alternate setting
4
bNumEndpoints
01
01
status change (interrupt) endpoint
5
bInterfaceClass
09
09
HUB_CLASSCODE
6
bInterfaceSubClass
00
00
HubSubClassCode
7
bInterfaceProtocol
00
00
-
8
bInterface
00
00
no interface string descriptor
Table 20:
Endpoint descriptor
Offset
(bytes)
Field name
Value (hex)
Comments
Full-speed
High-speed
0
bLength
07
07
descriptor length=7bytes
1
bDescriptorType
05
05
type = ENDPOINT
2
bEndpointAddress
81
81
endpoint 1 at the address number 1
3
bmAttributes
03
03
interrupt endpoint
4
wMaxPacketSize
01
01
packet size = 1 byte
500
00
6
bInterval
FF
0C
polling interval
Table 21:
Hub descriptor
Offset
(bytes)
Field name
Value (hex)
Comments
Full-speed
High-speed
0
bDescLength
09
09
descriptor length=9bytes
1
bDescriptorType
29
29
type = HUB
2
bNbrPorts
07
07
number of enabled downstream facing ports; selectable by
DP/DM strapping
06
06
05
05
04
04
03
03
02
02
3
wHubCharacteristics A9
A9
see Table 22
400
00
5
bPwrOn2PwrGood[1] 32
32
ganged or individual mode = 100 ms
00
00
no power switching mode=0ms
6
bHubContrCurrent
64
64
-
7
DeviceRemovable
00
00
seven downstream facing ports, no embedded port
8
PortPwrCtrlMask
FF
FF
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com