Electronic Components Datasheet Search
  English  ▼

X  

ISP1521 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # ISP1521
Description  Hi-Speed Universal Serial Bus hub controller
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

ISP1521 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button ISP1521 Datasheet HTML 3Page - NXP Semiconductors ISP1521 Datasheet HTML 4Page - NXP Semiconductors ISP1521 Datasheet HTML 5Page - NXP Semiconductors ISP1521 Datasheet HTML 6Page - NXP Semiconductors ISP1521 Datasheet HTML 7Page - NXP Semiconductors ISP1521 Datasheet HTML 8Page - NXP Semiconductors ISP1521 Datasheet HTML 9Page - NXP Semiconductors ISP1521 Datasheet HTML 10Page - NXP Semiconductors ISP1521 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 53 page
background image
Philips Semiconductors
ISP1521
Hi-Speed USB hub controller
Product data
Rev. 03 — 24 November 2004
7 of 53
9397 750 13702
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
OC4_N
32
AI/I
overcurrent sense input for downstream facing port 4
(analog/digital)
PSW4_N
33
I/O
output — power switch control output (open-drain) with an
internal pull-up resistor for downstream facing port 4
input — function of the pin when used as an input is given in
Table 5
OC3_N
34
AI/I
overcurrent sense input for downstream facing port 3
(analog/digital)
PSW3_N
35
I/O
output — power switch control output (open-drain) with an
internal pull-up resistor for downstream facing port 3
input — function of the pin when used as an input is given in
Table 5
OC7_N
36
AI/I
overcurrent sense input for downstream facing port 7
(analog/digital)
PSW7_N
37
I/O
output — power switch control output (open-drain) with an
internal pull-up resistor for downstream facing port 7
input — function of the pin when used as an input is given in
Table 5
OC2_N
38
AI/I
overcurrent sense input for downstream facing port 2
(analog/digital)
PSW2_N
39
I/O
output — power switch control output (open-drain) with an
internal pull-up resistor for downstream facing port 2
input — function of the pin when used as an input is given in
Table 5
RESET_N
40
I
asynchronous reset input; when reset is active, the internal
switch to the 1.5 k
Ω external resistor is opened, and all pins
DPn and DMn are three-state; it is recommended that you
connect to VBUS through an RC circuit; refer to the schematics in
ISP1521 Hub Demo Board User’s Guide
ADOC
41
I
analog or digital overcurrent detect selection input; a LOW
selects digital mode and a HIGH (3.3 V or 5.0 V) selects analog
mode
XTAL1
42
I
crystal oscillator input (12 MHz)
XTAL2
43
O
crystal oscillator output (12 MHz)
GND
44
-
ground supply
DM2
45
AI/O
downstream facing port 2 D
− connection (analog)[4]
DP2
46
AI/O
downstream facing port 2 D+ connection (analog)[4]
GND
47
-
ground supply
DM7
48
AI/O
downstream facing port 7 D
− connection (analog)[3]
DP7
49
AI/O
downstream facing port 7 D+ connection (analog)[3]
VCC1
50
-
analog supply voltage 1 (3.3 V)
GND
51
-
ground supply
VCC4
52
-
crystal and PLL supply voltage 4 (3.3 V)
GND
53
-
ground supply
DM3
54
AI/O
downstream facing port 3 D
− connection (analog)[3]
Table 2:
Pin description[1]…continued
Symbol[2]
Pin
Type Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com