Electronic Components Datasheet Search
  English  ▼

X  

ISP1521 Datasheet(PDF) 19 Page - NXP Semiconductors

Part # ISP1521
Description  Hi-Speed Universal Serial Bus hub controller
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

ISP1521 Datasheet(HTML) 19 Page - NXP Semiconductors

Back Button ISP1521 Datasheet HTML 15Page - NXP Semiconductors ISP1521 Datasheet HTML 16Page - NXP Semiconductors ISP1521 Datasheet HTML 17Page - NXP Semiconductors ISP1521 Datasheet HTML 18Page - NXP Semiconductors ISP1521 Datasheet HTML 19Page - NXP Semiconductors ISP1521 Datasheet HTML 20Page - NXP Semiconductors ISP1521 Datasheet HTML 21Page - NXP Semiconductors ISP1521 Datasheet HTML 22Page - NXP Semiconductors ISP1521 Datasheet HTML 23Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 53 page
background image
Philips Semiconductors
ISP1521
Hi-Speed USB hub controller
Product data
Rev. 03 — 24 November 2004
19 of 53
9397 750 13702
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
9.2.3
ROM or EEPROM map
Remark: A 128-byte EEPROM supports one language ID only, and a 256-byte
EEPROM supports two language IDs.
9.2.4
ROM or EEPROM detailed map
Fig 8.
ROM or EEPROM map.
MLD714
Signature
00H
02H
10H
7FH
FFH
80H
0AH
Device Descriptor
String Descriptor
(first Language ID):
iManufacturer string
iProduct string
iSerial Number string
String Descriptor
(second Language ID):
iManufacturer string
iProduct string
iSerial Number string
Language ID
Table 12:
ROM or EEPROM detailed map
Address
(hex)
Content
Default
(hex)
Example
(hex)
Comment
Signature descriptor
00
signature (low)
55
-
signature to signify valid data comment
01
signature (high)
AA
-
Device descriptor
02
idVendor (low)
CC
-
Philips Semiconductors vendor ID
03
idVendor (high)
04
-
04
idProduct (low)
21
-
ISP1521 product ID
05
idProduct (high)
15
-
06
bcdDevice (low)
00
-
device release; silicon revision
increments this value
07
bcdDevice (high)
02
-
08
RSV, iSN, iP, iM
-
00
if all the three strings are supported, the
value of this byte is 39H
09
reserved
-
FF
-
String descriptor Index 0 (language ID)
0A
bLength[1]
-
06
two language ID support
0B
bDescriptorType
-
03[2]
STRING
0C
wLANGID[0]
-
09
LANGID code zero (first language ID)
(English—USA in this example)
0D
-
04
0E
wLANGID[1]
-
09
LANGID code one (second language ID)
(English—UK in this example)
0F
-
08
String descriptor Index 1 (iManufacturer)[3]
10
bLength
-
2E
string descriptor length (manufacturer ID)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com