Electronic Components Datasheet Search
  English  ▼

X  

ISP1521 Datasheet(PDF) 12 Page - NXP Semiconductors

Part # ISP1521
Description  Hi-Speed Universal Serial Bus hub controller
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

ISP1521 Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button ISP1521 Datasheet HTML 8Page - NXP Semiconductors ISP1521 Datasheet HTML 9Page - NXP Semiconductors ISP1521 Datasheet HTML 10Page - NXP Semiconductors ISP1521 Datasheet HTML 11Page - NXP Semiconductors ISP1521 Datasheet HTML 12Page - NXP Semiconductors ISP1521 Datasheet HTML 13Page - NXP Semiconductors ISP1521 Datasheet HTML 14Page - NXP Semiconductors ISP1521 Datasheet HTML 15Page - NXP Semiconductors ISP1521 Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 53 page
background image
Philips Semiconductors
ISP1521
Hi-Speed USB hub controller
Product data
Rev. 03 — 24 November 2004
12 of 53
9397 750 13702
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
The triggering voltage of the POR circuit is 2.03 V nominal. A POR is automatically
generated when VCC goes below the trigger voltage for a duration longer than 1 µs.
At t1: clock is running and available.
Fig 3.
Power-on reset timing.
Stable external clock is to be available at A.
Fig 4.
External clock with respect to power-on reset.
004aaa388
t1
VCC
2.03 V
0 V
≤ 683 µs
POR
POR
EXTERNAL CLOCK
A
004aaa365



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com