Electronic Components Datasheet Search
  English  ▼

X  

ISP1521 Datasheet(PDF) 35 Page - NXP Semiconductors

Part # ISP1521
Description  Hi-Speed Universal Serial Bus hub controller
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

ISP1521 Datasheet(HTML) 35 Page - NXP Semiconductors

Back Button ISP1521 Datasheet HTML 31Page - NXP Semiconductors ISP1521 Datasheet HTML 32Page - NXP Semiconductors ISP1521 Datasheet HTML 33Page - NXP Semiconductors ISP1521 Datasheet HTML 34Page - NXP Semiconductors ISP1521 Datasheet HTML 35Page - NXP Semiconductors ISP1521 Datasheet HTML 36Page - NXP Semiconductors ISP1521 Datasheet HTML 37Page - NXP Semiconductors ISP1521 Datasheet HTML 38Page - NXP Semiconductors ISP1521 Datasheet HTML 39Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 53 page
background image
Philips Semiconductors
ISP1521
Hi-Speed USB hub controller
Product data
Rev. 03 — 24 November 2004
35 of 53
9397 750 13702
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
15. Static characteristics
[1]
Irrespective of the number of devices connected, the value of ICC is always 91 mA in full-speed.
[2]
Including Rpu drop current.
[1]
All pins are 5 V tolerant.
Table 36:
Static characteristics: supply pins
VCC = 3.0 V to 3.6 V; Tamb = −40 °Cto+70 °C; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Full-speed
IREF(5V0)
supply current 5 V
-
0.5
-
mA
ICC(tot)
total supply current 3.3 V
ICC(tot) =ICC1 +ICC2 +ICC3 +ICC4
[1] -91
-
mA
High-speed
ICC(tot)
total supply current 3.3 V
suspend mode; internal clock stopped
[2] -
0.5
-
mA
no device connected
-
183
-
mA
1 active device connected
-
231
-
mA
2 active devices connected
-
276
-
mA
3 active devices connected
-
318
-
mA
4 active devices connected
-
362
-
mA
5 active devices connected
-
400
-
mA
6 active devices connected
-
446
-
mA
7 active devices connected
-
492
-
mA
Table 37:
Static characteristics: digital input and outputs[1]
VCC = 3.0 V to 3.6 V; Tamb = −40 °Cto+70 °C; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Digital input pins
VIL
LOW-level input voltage
-
-
0.8
V
VIH
HIGH-level input voltage
2.0
-
-
V
ILI
input leakage current
−1-
+1
µA
Schmitt-trigger input pins
Vth(LH)
positive-going threshold voltage
1.4
-
1.9
V
Vth(HL)
negative-going threshold voltage
0.9
-
1.5
V
Vhys
hysteresis voltage
0.4
-
0.7
V
Overcurrent detection pins OC1_N to OC7_N
∆Vtrip
overcurrent detection trip voltage
∆V=VCC − VOCn_N
-84
-
mV
Digital output pins
VOL
LOW-level output voltage
-
-
0.4
V
VOH
HIGH-level output voltage
2.4
-
-
V
Open-drain output pins
IOZ
OFF-state output current
−1-
+1
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com