| Electronic Components Datasheet Search |
|
ISP1521 Datasheet(PDF) 10 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
ISP1521 Datasheet(HTML) 10 Page - NXP Semiconductors |
|
10 / 53 page ![]() Philips Semiconductors ISP1521 Hi-Speed USB hub controller Product data Rev. 03 — 24 November 2004 10 of 53 9397 750 13702 © Koninklijke Philips Electronics N.V. 2004. All rights reserved. 8. Functional description 8.1 Analog transceivers The integrated transceivers directly interface to USB lines. They can transmit and receive serial data at high-speed (480 Mbit/s), full-speed (12 Mbit/s) and low-speed (1.5 Mbit/s). 8.2 Hub controller core The main components of the hub core are: • Philips Serial Interface Engine (SIE) • Routing logic • Transaction Translator (TT) • Mini-host controller • Hub repeater • Hub controller • Port controller • Bit clock recovery. 8.2.1 Philips serial interface engine The Philips SIE implements the full USB protocol layer. It is completely hardwired for speed and needs no firmware intervention. The functions of this block include: synchronization, pattern recognition, parallel or serial conversion, bit (de-)stuffing, CRC checking and generation, Packet IDentifier verification and generation, address recognition, and handshake evaluation and generation. 8.2.2 Routing logic The routing logic directs signaling to the appropriate modules (mini-host controller, Original USB repeater and Hi-Speed USB repeater) according to the topology in which the hub is placed. 8.2.3 Transaction translator The TT acts as a go-between mechanism that links devices operating in the Original USB mode and the Hi-Speed USB upstream mode. For the ‘IN’ direction, data is concatenated in TT buffers till the proper length is reached, before the host takes the transaction. In the reverse direction (OUT), the mini-host dispenses the data contained in TT buffers over a period that fits into the Original USB bandwidth. This continues until all outgoing data is emptied. TT buffers are used only on split transactions. 8.2.4 Mini-host controller The internal mini-host generates all the Original USB IN, OUT or SETUP tokens for the downstream facing ports, while the upstream facing port is in the high-speed mode. The responses from the Original USB devices are collected in TT buffers, until the end of the complete split transaction clears the TT buffers. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |