Electronic Components Datasheet Search
  English  ▼

X  

ISP1521 Datasheet(PDF) 25 Page - NXP Semiconductors

Part # ISP1521
Description  Hi-Speed Universal Serial Bus hub controller
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

ISP1521 Datasheet(HTML) 25 Page - NXP Semiconductors

Back Button ISP1521 Datasheet HTML 21Page - NXP Semiconductors ISP1521 Datasheet HTML 22Page - NXP Semiconductors ISP1521 Datasheet HTML 23Page - NXP Semiconductors ISP1521 Datasheet HTML 24Page - NXP Semiconductors ISP1521 Datasheet HTML 25Page - NXP Semiconductors ISP1521 Datasheet HTML 26Page - NXP Semiconductors ISP1521 Datasheet HTML 27Page - NXP Semiconductors ISP1521 Datasheet HTML 28Page - NXP Semiconductors ISP1521 Datasheet HTML 29Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 53 page
background image
Philips Semiconductors
ISP1521
Hi-Speed USB hub controller
Product data
Rev. 03 — 24 November 2004
25 of 53
9397 750 13702
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
11. Descriptors
The ISP1521 hub controller supports the following standard USB descriptors:
• Device
• Device_qualifier
• Other_speed_configuration
• Configuration
• Interface
• Endpoint
• Hub.
The hub returns different descriptors based on the mode of operation: full-speed or
high-speed.
Table 14:
Status Change byte: bit allocation
Bit
Name
Value
Description
0
Hub Status Change
0
no change in the hub status
1
change in the hub status detected
1 to 7
Port n Status Change
0
no change in the status of port n (n=1to7)
1
change in the status of port n (n = 1 to 7)
Table 15:
Device descriptor
Offset
(bytes)
Field name
Value (hex)
Comments
Full-speed
High-speed
0
bLength
12
12
descriptor length = 18 bytes
1
bDescriptorType
01
01
type = DEVICE
2
bcdUSB
00
00
see USB specification Rev. 2.0
302
02
4
bDeviceClass
09
09
HUB_CLASSCODE
5
bDeviceSubClass
00
00
HubSubClassCode
6
bDeviceProtocol
00
01
HubProtocolHSpeedOneTT
7
bMaxPacketSize0
40
40
packet size = 64 bytes
8
idVendor
CC
CC
Philips Semiconductors vendor ID (04CC); can be
customized
904
04
10
idProduct
21
21
the ISP1521 product ID; can be customized
11
15
15
12
bcdDevice
00
00
device ID; can be customized
13
02
02
14
iManufacturer
01
01
can be customized
15
iProduct
02
02
can be customized
16
iSerialNumber
03
03
can be customized; this value must be unique
17
bNumConfigurations 01
01
one configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com