Electronic Components Datasheet Search
  English  ▼

X  

ISP1521 Datasheet(PDF) 37 Page - NXP Semiconductors

Part # ISP1521
Description  Hi-Speed Universal Serial Bus hub controller
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

ISP1521 Datasheet(HTML) 37 Page - NXP Semiconductors

Back Button ISP1521 Datasheet HTML 33Page - NXP Semiconductors ISP1521 Datasheet HTML 34Page - NXP Semiconductors ISP1521 Datasheet HTML 35Page - NXP Semiconductors ISP1521 Datasheet HTML 36Page - NXP Semiconductors ISP1521 Datasheet HTML 37Page - NXP Semiconductors ISP1521 Datasheet HTML 38Page - NXP Semiconductors ISP1521 Datasheet HTML 39Page - NXP Semiconductors ISP1521 Datasheet HTML 40Page - NXP Semiconductors ISP1521 Datasheet HTML 41Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 53 page
background image
Philips Semiconductors
ISP1521
Hi-Speed USB hub controller
Product data
Rev. 03 — 24 November 2004
37 of 53
9397 750 13702
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
[1]
For minimum value, the HS termination resistor is disabled and the pull-up resistor is connected. Only during reset, when both the hub
and the device are capable of high-speed operation.
[2]
Characterized only, not tested. Limits guaranteed by design.
[3]
In the suspend mode, the minimum voltage is 2.7 V.
Resistance
ZINP
input impedance
10
-
-
M
Ω
Termination
VTERM
termination voltage for pull-up
resistor on pin RPU
[3] 3.0
-
3.6
V
Table 39:
Static characteristics: USB interface block (DP0 to DP7 and DM0 to DM7)…continued
VCC = 3.0 V to 3.6 V; Tamb = −40 °Cto+70 °C; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com