Electronic Components Datasheet Search
  English  ▼

X  

ISP1521 Datasheet(PDF) 33 Page - NXP Semiconductors

Part # ISP1521
Description  Hi-Speed Universal Serial Bus hub controller
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

ISP1521 Datasheet(HTML) 33 Page - NXP Semiconductors

Back Button ISP1521 Datasheet HTML 29Page - NXP Semiconductors ISP1521 Datasheet HTML 30Page - NXP Semiconductors ISP1521 Datasheet HTML 31Page - NXP Semiconductors ISP1521 Datasheet HTML 32Page - NXP Semiconductors ISP1521 Datasheet HTML 33Page - NXP Semiconductors ISP1521 Datasheet HTML 34Page - NXP Semiconductors ISP1521 Datasheet HTML 35Page - NXP Semiconductors ISP1521 Datasheet HTML 36Page - NXP Semiconductors ISP1521 Datasheet HTML 37Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 53 page
background image
Philips Semiconductors
ISP1521
Hi-Speed USB hub controller
Product data
Rev. 03 — 24 November 2004
33 of 53
9397 750 13702
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
12.4 Various get descriptors
bmRequestType — 10000000B
bmRequest — GET_DESCRIPTOR = 6
2
suspend change
0
no change
1
resume complete
3
overcurrent indicator change
0
no change in the overcurrent indicator
1
change in the overcurrent indicator
4
reset change
0
no change
1
reset complete
5 to 15
reserved
0
-
Table 32:
Get port status change response (wPortChange)…continued
Bit
Function
Value
Description
Table 33:
Get descriptor request
Request name
wValue
wIndex
Data
Descriptor index
Descriptor type
Zero/Language ID
Get device
descriptor
00
01
0
device descriptor
Get configuration
descriptor
00
02
0
configuration interface and
endpoint descriptors
Get language ID
string descriptor
00
03
0
language ID support string
Get manufacturer
string descriptor
01
03
n
manufacturer string in LANGID n
Get product string
descriptor
02
03
n
product string in LANGID n
Get serial number
string descriptor
03
03
n
serial number string in LANGID n



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com