Electronic Components Datasheet Search
  English  ▼

X  

ISP1521 Datasheet(PDF) 40 Page - NXP Semiconductors

Part # ISP1521
Description  Hi-Speed Universal Serial Bus hub controller
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

ISP1521 Datasheet(HTML) 40 Page - NXP Semiconductors

Back Button ISP1521 Datasheet HTML 36Page - NXP Semiconductors ISP1521 Datasheet HTML 37Page - NXP Semiconductors ISP1521 Datasheet HTML 38Page - NXP Semiconductors ISP1521 Datasheet HTML 39Page - NXP Semiconductors ISP1521 Datasheet HTML 40Page - NXP Semiconductors ISP1521 Datasheet HTML 41Page - NXP Semiconductors ISP1521 Datasheet HTML 42Page - NXP Semiconductors ISP1521 Datasheet HTML 43Page - NXP Semiconductors ISP1521 Datasheet HTML 44Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 53 page
background image
Philips Semiconductors
ISP1521
Hi-Speed USB hub controller
Product data
Rev. 03 — 24 November 2004
40 of 53
9397 750 13702
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
[1]
Excluding the first transition from idle state.
[2]
Characterized only, not tested. Limits guaranteed by design.
[1]
Excluding the first transition from idle state.
[2]
Characterized only, not tested. Limits guaranteed by design.
tFSOP
data bit width distortion after SOP
see Figure 14
−5
-
+5
ns
tFEOPD
hub EOP delay relative to tHDD
see Figure 15
0
-
15
ns
tFHESK
hub EOP output width skew
see Figure 15
−15
-
+15
ns
Table 44:
Dynamic characteristics: full-speed source electrical characteristics…continued
VCC = 3.0 V to 3.6 V; Tamb = −40 °Cto+70 °C; test circuit Figure 22; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Table 45:
Dynamic characteristics: low-speed source electrical characteristics
VCC = 3.0 V to 3.6 V; Tamb = −40 °Cto+70 °C; test circuit Figure 22; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Driver characteristics
tLR
rise time
75
-
300
ns
tLF
fall time
75
-
300
ns
tLRFM
differential rise and fall time
matching
[1] 80
-
125
%
VCRS
output signal crossover voltage
[1][2] 1.3
-
2.0
V
Hub timing (downstream ports configured as full-speed)
tLHDD
hub differential data delay
see Figure 14
-
-
300
ns
tLSOP
data bit width distortion after SOP
see Figure 14
[2]
−60
-
+60
ns
tLEOPD
hub EOP delay relative to tHDD
see Figure 15
[2] 0
-
200
ns
tLHESK
hub EOP output width skew
see Figure 15
[2]
−300
-
+300
ns
TPERIOD is the bit duration corresponding with the USB data rate.
Fig 10. Source differential data jitter.
mgr870
TPERIOD
differential
data lines
crossover point
crossover point
crossover point
consecutive
transitions
N
× TPERIOD + tDJ1
paired
transitions
N
× TPERIOD + tDJ2
+3.3 V
0 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com