Electronic Components Datasheet Search
  English  ▼

X  

ISP1521 Datasheet(PDF) 31 Page - NXP Semiconductors

Part # ISP1521
Description  Hi-Speed Universal Serial Bus hub controller
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

ISP1521 Datasheet(HTML) 31 Page - NXP Semiconductors

Back Button ISP1521 Datasheet HTML 27Page - NXP Semiconductors ISP1521 Datasheet HTML 28Page - NXP Semiconductors ISP1521 Datasheet HTML 29Page - NXP Semiconductors ISP1521 Datasheet HTML 30Page - NXP Semiconductors ISP1521 Datasheet HTML 31Page - NXP Semiconductors ISP1521 Datasheet HTML 32Page - NXP Semiconductors ISP1521 Datasheet HTML 33Page - NXP Semiconductors ISP1521 Datasheet HTML 34Page - NXP Semiconductors ISP1521 Datasheet HTML 35Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 53 page
background image
Philips Semiconductors
ISP1521
Hi-Speed USB hub controller
Product data
Rev. 03 — 24 November 2004
31 of 53
9397 750 13702
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
12.3.2
Get device status
This request returns two bytes of data; see Table 27.
12.3.3
Get interface status
The request returns two bytes of data; see Table 28.
12.3.4
Get endpoint status
The request returns two bytes of data; see Table 29.
12.3.5
Get hub status
The request returns four bytes of data; see Table 30.
Table 26:
Get hub configuration response
Bit
Function
Value
Description
0
configuration value
0
device is not configured
1
device is configured
1 to 7
reserved
0
-
Table 27:
Get device status response
Bit
Function
Value
Description
0
self-powered
1
self-powered
1
remote wake-up
0
disabled
1
enabled
2 to 15
reserved
0
-
Table 28:
Get interface status response
Bit
Function
Value
Description
0 to 15
reserved
0
-
Table 29:
Get endpoint status response
Bit
Function
Value
Description
0
halt
0
endpoint is not halted
1
endpoint is halted
1 to 15
reserved
0
-
Table 30:
Get hub status response
Bit
Function
Value
Description
0
local power source
0
local power supply good
1
local power supply lost (inactive)
1
overcurrent indicator
0
no overcurrent condition currently exists
1
a hub overcurrent condition exists
2 to 15
reserved
0
-
16
local power status change
0
no change in the local power status
1
local power status has changed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com