Electronic Components Datasheet Search
  English  ▼

X  

ISP1521 Datasheet(PDF) 43 Page - NXP Semiconductors

Part # ISP1521
Description  Hi-Speed Universal Serial Bus hub controller
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

ISP1521 Datasheet(HTML) 43 Page - NXP Semiconductors

Back Button ISP1521 Datasheet HTML 39Page - NXP Semiconductors ISP1521 Datasheet HTML 40Page - NXP Semiconductors ISP1521 Datasheet HTML 41Page - NXP Semiconductors ISP1521 Datasheet HTML 42Page - NXP Semiconductors ISP1521 Datasheet HTML 43Page - NXP Semiconductors ISP1521 Datasheet HTML 44Page - NXP Semiconductors ISP1521 Datasheet HTML 45Page - NXP Semiconductors ISP1521 Datasheet HTML 46Page - NXP Semiconductors ISP1521 Datasheet HTML 47Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 53 page
background image
Philips Semiconductors
ISP1521
Hi-Speed USB hub controller
Product data
Rev. 03 — 24 November 2004
43 of 53
9397 750 13702
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
[1]
fSCL = 1⁄64 × fXTAL.
[2]
Rise time is determined by Cb and pull-up resistor value Rp (typical 4.7 kΩ).
Table 46:
Dynamic characteristics: I2C-bus (pins SDA and SCL)
VCC and Tamb within recommended operating range; VDD =5V; VSS =VGND ; VIL and VIH between VSS and VDD.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Clock frequency
fSCL
SCL clock frequency
fXTAL =12MHz
[1] 0
93.75
100
kHz
General timing
tLOW
SCL LOW time
4.7
-
-
µs
tHIGH
SCL HIGH time
4.0
-
-
µs
tr
SCL and SDA rise time
[2] -
-
1000
ns
tf
SCL and SDA fall time
-
-
300
ns
Cb
capacitive load for each bus line
-
-
400
pF
SDA timing
tBUF
bus free time
4.7
-
-
µs
tSU;STA
set-up time for (repeated) START
condition
4.7
-
-
µs
tHD;STA
hold time (repeated) START condition
4.0
-
-
µs
tSU;DAT
data set-up time
250
-
-
ns
tHD;DAT
data hold time
0
-
-
µs
tSU;STO
set-up time for STOP condition
4.0
-
-
µs
Additional I2C-bus timing
tVD;DAT
SCL LOW to data-out valid time
-
-
0.4
µs
Fig 16. I2C-bus timing.
P
S
Sr
P
004aaa485
tHD;STA
tBUF
tSU;STA
tSU;DAT
tf
tHIGH
tLOW
tSU;STO
tr
tHD;DAT
SDA
SCL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com