Electronic Components Datasheet Search
  English  ▼

X  

ISP1521 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # ISP1521
Description  Hi-Speed Universal Serial Bus hub controller
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

ISP1521 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button ISP1521 Datasheet HTML 2Page - NXP Semiconductors ISP1521 Datasheet HTML 3Page - NXP Semiconductors ISP1521 Datasheet HTML 4Page - NXP Semiconductors ISP1521 Datasheet HTML 5Page - NXP Semiconductors ISP1521 Datasheet HTML 6Page - NXP Semiconductors ISP1521 Datasheet HTML 7Page - NXP Semiconductors ISP1521 Datasheet HTML 8Page - NXP Semiconductors ISP1521 Datasheet HTML 9Page - NXP Semiconductors ISP1521 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 53 page
background image
Philips Semiconductors
ISP1521
Hi-Speed USB hub controller
Product data
Rev. 03 — 24 November 2004
6 of 53
9397 750 13702
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
DP0
4
AI/O
upstream facing port 0 D+ connection (analog)
RPU
5
AI
pull-up resistor connection; connect this pin through a resistor of
1.5 k
Ω± 5 % to 3.3 V
GND
6
-
ground supply
RREF
7
AI
reference resistor connection; connect this pin through a resistor
of 12 k
Ω± 1 % to an analog band gap ground reference
GND
8
-
ground supply
DM5
9
AI/O
downstream facing port 5 D
− connection (analog)[3]
DP5
10
AI/O
downstream facing port 5 D+ connection (analog)[3]
VCC1
11
-
analog supply voltage 1 (3.3 V)
GND
12
-
ground supply
VCC4
13
-
crystal and PLL supply voltage 4 (3.3 V)
GND
14
-
ground supply
DM6
15
AI/O
downstream facing port 6 D
− connection (analog)[3]
DP6
16
AI/O
downstream facing port 6 D+ connection (analog)[3]
VCC2
17
-
transceiver supply voltage 2 (3.3 V)
GND
18
-
ground supply
DM1
19
AI/O
downstream facing port 1 D
− connection (analog)[4]
DP1
20
AI/O
downstream facing port 1 D+ connection (analog)[4]
TEST_LOW
21
-
connect to GND
TEST_HIGH
22
-
connect to 5.0 V through a 10 k
Ω resistor
OC1_N
23
AI/I
overcurrent sense input for downstream facing port 1
(analog/digital)
PSW1_N
24
I/O
output — power switch control output (open-drain) with an
internal pull-up resistor for downstream facing port 1
input — function of the pin when used as an input is given in
Table 5
OC6_N
25
AI/I
overcurrent sense input for downstream facing port 6
(analog/digital)
PSW6_N
26
I/O
output — power switch control output (open-drain) with an
internal pull-up resistor for downstream facing port 6
input — function of the pin when used as an input is given in
Table 5
OC5_N
27
AI/I
overcurrent sense input for downstream facing port 5
(analog/digital)
PSW5_N
28
I/O
output — power switch control output (open-drain) with an
internal pull-up resistor for downstream facing port 5
input — function of the pin when used as an input is given in
Table 5
GND
29
-
ground supply
VCC3
30
-
digital supply voltage 3 (3.3 V)
VREF(5V0)
31
-
reference voltage (5 V
± 5 %); used to power internal pull-up
resistors of PSWn_N pins and also for the analog overcurrent
detection
Table 2:
Pin description[1]…continued
Symbol[2]
Pin
Type Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com