Electronic Components Datasheet Search
  English  ▼

X  

ISP1521 Datasheet(PDF) 18 Page - NXP Semiconductors

Part # ISP1521
Description  Hi-Speed Universal Serial Bus hub controller
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

ISP1521 Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button ISP1521 Datasheet HTML 14Page - NXP Semiconductors ISP1521 Datasheet HTML 15Page - NXP Semiconductors ISP1521 Datasheet HTML 16Page - NXP Semiconductors ISP1521 Datasheet HTML 17Page - NXP Semiconductors ISP1521 Datasheet HTML 18Page - NXP Semiconductors ISP1521 Datasheet HTML 19Page - NXP Semiconductors ISP1521 Datasheet HTML 20Page - NXP Semiconductors ISP1521 Datasheet HTML 21Page - NXP Semiconductors ISP1521 Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 53 page
background image
Philips Semiconductors
ISP1521
Hi-Speed USB hub controller
Product data
Rev. 03 — 24 November 2004
18 of 53
9397 750 13702
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
9.2.2
Architecture of configurable hub descriptors
The configurable hub descriptors can be masked in the internal ROM memory; see
Figure 7. These descriptors can also be supplied from an external EEPROM or a
microcontroller. The ISP1521 implements both the master and slave I2C-bus
controllers. The information from the external EEPROM or the microcontroller is
transferred into the internal RAM during the power-on reset. A signature word is used
to identify correct descriptors. If the signature matches, the content of the RAM is
chosen instead of the ROM.
When the external microcontroller mode is selected and while the external
microcontroller is writing to the internal RAM, any request to configurable descriptors
will be responded to with a Not AcKnowledge (NAK). There is no specified time-out
period for the NAK signal. This data is then passed to the host during the
enumeration process.
The three configuration methods are selected by connecting pins SCL and SDA in the
manner given in Table 11.
The I2C-bus cannot be shared between the EEPROM and the external microcontroller.
Fig 7.
Configurable hub descriptors.
Table 11:
Configuration method
Configuration method
SCL
SDA
Internal ROM
ground
ground
External EEPROM
2.2 k
Ω to 4.7 kΩ pull-up
2.2 k
Ω to 4.7 kΩ pull-up
External microcontroller
driven LOW by the
microcontroller during reset
2.2 k
Ω to 4.7 kΩ pull-up
MLD711
MICROCONTROLLER
SERIAL EEPROM
MASTER/SLAVE
I2C-BUS INTERFACE
signature
match
RAM
(256 bytes)
DESCRIPTOR
GENERATOR
INTERFACE
ROM
(256 bytes)
MUX
HUB CORE
I2C-bus



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com