Electronic Components Datasheet Search
  English  ▼

X  

ISP1521 Datasheet(PDF) 16 Page - NXP Semiconductors

Part # ISP1521
Description  Hi-Speed Universal Serial Bus hub controller
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

ISP1521 Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button ISP1521 Datasheet HTML 12Page - NXP Semiconductors ISP1521 Datasheet HTML 13Page - NXP Semiconductors ISP1521 Datasheet HTML 14Page - NXP Semiconductors ISP1521 Datasheet HTML 15Page - NXP Semiconductors ISP1521 Datasheet HTML 16Page - NXP Semiconductors ISP1521 Datasheet HTML 17Page - NXP Semiconductors ISP1521 Datasheet HTML 18Page - NXP Semiconductors ISP1521 Datasheet HTML 19Page - NXP Semiconductors ISP1521 Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 53 page
background image
Philips Semiconductors
ISP1521
Hi-Speed USB hub controller
Product data
Rev. 03 — 24 November 2004
16 of 53
9397 750 13702
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Both analog and digital overcurrent modes are supported; see Table 7.
For digital overcurrent detection, the normal digital TTL level is accepted on the
overcurrent input pins. For analog overcurrent detection, the threshold is given in the
DC characteristics. In this mode, to filter out false overcurrent conditions because of
in rush and spikes, a dead time of 15 ms is built into the IC, that is, overcurrent must
persist for 15 ms before it is reported to the host.
9.1.4
Non-removable port
A non-removable port, by definition, is a port that is embedded inside the hub
application box and is not externally accessible. The LED port indicators
(pins AMBn_N) of such a port are not used. Therefore, the corresponding amber LED
port indicators are disabled to signify that the port is non-removable; see Table 8.
More than one non-removable port can be specified by appropriately connecting the
corresponding amber LED indicators. At least one port should, however, be left as a
removable port.
The detection of any non-removable port sets the hub descriptor into a compound
hub.
9.1.5
Port indicator support
The port indicator support can be disabled by grounding all green port indicators (all
pins GRNn_N); see Table 9. This is a global feature. It is not possible to disable port
indicators for only one port.
Table 6:
Overcurrent protection mode pin configuration
Power switching mode
NOOC
PSW1_N PSW2_N PSW3_N PSW4_N PSW5_N PSW6_N PSW7_N
None
HIGH
ground
ground
ground
ground
ground
ground
ground
Global
LOW
internal
pull-up
ground
ground
ground
ground
ground
ground
Individual
LOW
internal
pull-up
internal
pull-up
internal
pull-up
internal
pull-up
internal
pull-up
internal
pull-up
internal
pull-up
Table 7:
Overcurrent detection mode selection pin configuration
Pin ADOC
Mode selection
Description
3.3 V or 5.0 V
analog
threshold
∆Vtrip
Ground
digital
normal digital TTL level
Table 8:
Non-removable port pin configuration
AMBn_N (n=1to7)
Non-removable port
Ground
non-removable
Pull-up with amber LED
removable
Table 9:
Port indicator support: pin configuration
GRN1_N to GRN7_N
Port indicator support
Ground
not supported
LED pull-up green LED for at least one port
supported



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com