Electronic Components Datasheet Search
  English  ▼

X  

ISP1521 Datasheet(PDF) 30 Page - NXP Semiconductors

Part # ISP1521
Description  Hi-Speed Universal Serial Bus hub controller
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

ISP1521 Datasheet(HTML) 30 Page - NXP Semiconductors

Back Button ISP1521 Datasheet HTML 26Page - NXP Semiconductors ISP1521 Datasheet HTML 27Page - NXP Semiconductors ISP1521 Datasheet HTML 28Page - NXP Semiconductors ISP1521 Datasheet HTML 29Page - NXP Semiconductors ISP1521 Datasheet HTML 30Page - NXP Semiconductors ISP1521 Datasheet HTML 31Page - NXP Semiconductors ISP1521 Datasheet HTML 32Page - NXP Semiconductors ISP1521 Datasheet HTML 33Page - NXP Semiconductors ISP1521 Datasheet HTML 34Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 53 page
background image
Philips Semiconductors
ISP1521
Hi-Speed USB hub controller
Product data
Rev. 03 — 24 November 2004
30 of 53
9397 750 13702
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
[1]
Returns vendor-specific data.
[2]
Returned value in bytes.
[3]
Feature selector value; see Table 25.
[4]
Downstream port identifier: 1 to N with N is number of enabled ports (2 to 7).
12.3 Detailed responses to hub requests
12.3.1
Get configuration
This request returns the configuration value of the device. This request returns one
byte of data; see Table 26.
GetTTState
1010 0011
10
TT-flags
01, 00
-[1]
TT state
StopTT
0010 0011
11
00, 00
01, 00
00, 00
none
Test modes
Test_J
0010 0011
03
15, 00
port[4], 01
00, 00
none
Test_K
0010 0011
03
15, 00
port[4], 02
00, 00
none
Test_SE0_NAK
0010 0011
03
15, 00
port[4], 03
00, 00
none
Test_Packet
0010 0011
03
15, 00
port[4], 04
00, 00
none
Test_Force_Enable
0010 0011
03
15, 00
port[4], 05
00, 00
none
Table 24:
Hub class requests…continued
Request
bmRequestType
byte 0
(bits 7 to 0)
bRequest
byte 1
(hex)
wValue
bytes 2, 3
(hex)
wIndex
bytes 4, 5
(hex)
wLength
bytes 6, 7
(hex)
Data
Table 25:
Hub class feature selector
Feature selector name
Recipient
Value
C_HUB_LOCAL_POWER
hub
00
C_HUB_OVER_CURRENT
hub
01
PORT_CONNECTION
port
00
PORT_ENABLE
port
01
PORT_SUSPEND
port
02
PORT_OVER_CURRENT
port
03
PORT_RESET
port
04
PORT_POWER
port
08
PORT_LOW_SPEED
port
09
C_PORT_CONNECTION
port
16
C_PORT_ENABLE
port
17
C_PORT_SUSPEND
port
18
C_PORT_OVER_CURRENT
port
19
C_PORT_RESET
port
20
PORT_TEST
port
21
PORT_INDICATOR
port
22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com