Electronic Components Datasheet Search
  English  ▼

X  

ISP1521 Datasheet(PDF) 28 Page - NXP Semiconductors

Part # ISP1521
Description  Hi-Speed Universal Serial Bus hub controller
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

ISP1521 Datasheet(HTML) 28 Page - NXP Semiconductors

Back Button ISP1521 Datasheet HTML 24Page - NXP Semiconductors ISP1521 Datasheet HTML 25Page - NXP Semiconductors ISP1521 Datasheet HTML 26Page - NXP Semiconductors ISP1521 Datasheet HTML 27Page - NXP Semiconductors ISP1521 Datasheet HTML 28Page - NXP Semiconductors ISP1521 Datasheet HTML 29Page - NXP Semiconductors ISP1521 Datasheet HTML 30Page - NXP Semiconductors ISP1521 Datasheet HTML 31Page - NXP Semiconductors ISP1521 Datasheet HTML 32Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 53 page
background image
Philips Semiconductors
ISP1521
Hi-Speed USB hub controller
Product data
Rev. 03 — 24 November 2004
28 of 53
9397 750 13702
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
12. Hub requests
The hub must react to a variety of requests initiated by the host. Some requests are
standard and are implemented by any USB device whereas others are hub-class
specific requests.
12.1 Standard USB requests
Table 23 shows the supported standard USB requests.
Table 22:
wHubCharacteristics bit description
Bit
Function
Value
Description
D0, D1
logical power switching mode
00
ganged
01
individual and multiple ganged
10
none
11
-
D2
compound hub selection
0
non-compound
1
compound
D3, D4
overcurrent protection mode
00
global
01
individual and multiple ganged
10
none
11
-
D5
-
-
-
D6
-
-
-
D7
port indicator
0
global feature
1-
Table 23:
Standard USB requests
Request
bmRequestType
byte 0
(bits 7 to 0)
bRequest
byte 1
(hex)
wValue
bytes 2, 3
(hex)
wIndex
bytes 4, 5
(hex)
wLength
bytes 6, 7
(hex)
Data response
Address
Set Address
0000 0000
05
device
address[1]
00, 00
00, 00
none
Configuration
Get Configuration
1000 0000
08
00, 00
00, 00
01, 00
configuration value
Set Configuration (0)
0000 0000
09
00, 00
00, 00
00, 00
none
Set Configuration (1)
0000 0000
09
01, 00
00, 00
00, 00
none
Descriptors
Get Configuration
Descriptor
1000 0000
06
00, 02
00, 00
length[2]
configuration interface
and endpoint descriptors
Get Device Descriptor
1000 0000
06
00, 01
00, 00
length[2]
device descriptor
Get String Descriptor (0) 1000 0000
06
03, 00
00, 00
length[2]
language ID descriptor
Get String Descriptor (1) 1000 0000
06
03, 01
00, 00
length[2]
manufacturer string
Get String Descriptor (2) 1000 0000
06
03, 02
00, 00
length[2]
product string
Get String Descriptor (3) 1000 0000
06
03, 03
00, 00
length[2]
serial number string



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com