Electronic Components Datasheet Search
  English  ▼

X  

ISP1521 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # ISP1521
Description  Hi-Speed Universal Serial Bus hub controller
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

ISP1521 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button ISP1521 Datasheet HTML 4Page - NXP Semiconductors ISP1521 Datasheet HTML 5Page - NXP Semiconductors ISP1521 Datasheet HTML 6Page - NXP Semiconductors ISP1521 Datasheet HTML 7Page - NXP Semiconductors ISP1521 Datasheet HTML 8Page - NXP Semiconductors ISP1521 Datasheet HTML 9Page - NXP Semiconductors ISP1521 Datasheet HTML 10Page - NXP Semiconductors ISP1521 Datasheet HTML 11Page - NXP Semiconductors ISP1521 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 53 page
background image
Philips Semiconductors
ISP1521
Hi-Speed USB hub controller
Product data
Rev. 03 — 24 November 2004
8 of 53
9397 750 13702
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
DP3
55
AI/O
downstream facing port 3 D+ connection (analog)[3]
VCC2
56
-
transceiver supply voltage 2 (3.3 V)
GND
57
-
ground supply
DM4
58
AI/O
downstream facing port 4 D
− connection (analog)[3]
DP4
59
AI/O
downstream facing port 4 D+ connection (analog)[3]
NOOC
60
I
no overcurrent protection selection input; connect this pin to
HIGH (3.3 V) to select no overcurrent protection; if no
overcurrent is selected, all OC_N pins must be connected to
VREF(5V0)
GRN4_N
61
I/O
output — green LED port indicator (open-drain) for downstream
facing port 4
input — function of the pin when used as an input is given in
Table 9
AMB4_N
62
I/O
output — amber LED port indicator (open-drain) for
downstream facing port 4
input — function of the pin when used as an input is given in
Table 8
GRN3_N
63
I/O
output — green LED port indicator (open-drain) for downstream
facing port 3
input — function of the pin when used as an input is given in
Table 9
AMB3_N
64
I/O
output — amber LED port indicator (open-drain) for
downstream facing port 3
input — function of the pin when used as an input is given in
Table 8
GRN7_N
65
I/O
output — green LED port indicator (open-drain) for downstream
facing port 7
input — function of the pin when used as an input is given in
Table 9
AMB7_N
66
I/O
output — amber LED port indicator (open-drain) for
downstream facing port 7
input — function of the pin when used as an input is given in
Table 8
GRN2_N
67
I/O
output — green LED port indicator (open-drain) for downstream
facing port 2
input — function of the pin when used as an input is given in
Table 9
AMB2_N
68
I/O
output — amber LED port indicator (open-drain) for
downstream facing port 2
input — function of the pin when used as an input is given in
Table 8
VREF(5V0)
69
-
reference voltage (5 V
± 5 %); used to power internal pull-up
resistors of PSWn_N pins and also for the analog overcurrent
detection
VCC3
70
-
digital supply voltage 3 (3.3 V)
Table 2:
Pin description[1]…continued
Symbol[2]
Pin
Type Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com