Electronic Components Datasheet Search
  English  ▼

X  

GS3470 Datasheet(PDF) 122 Page - Semtech Corporation

Part # GS3470
Description  3G, HD, SD SDI Receiver
PDF  169 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS3470 Datasheet(HTML) 122 Page - Semtech Corporation

Back Button GS3470 Datasheet HTML 118Page - Semtech Corporation GS3470 Datasheet HTML 119Page - Semtech Corporation GS3470 Datasheet HTML 120Page - Semtech Corporation GS3470 Datasheet HTML 121Page - Semtech Corporation GS3470 Datasheet HTML 122Page - Semtech Corporation GS3470 Datasheet HTML 123Page - Semtech Corporation GS3470 Datasheet HTML 124Page - Semtech Corporation GS3470 Datasheet HTML 125Page - Semtech Corporation GS3470 Datasheet HTML 126Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 169 page
background image
GS3470
Final Data Sheet
Rev.8
PDS-060500
September 2017
122 of 169
Semtech
www.semtech.com
84A
ERROR_
MASK_3
RSVD
15:14
—
—
Reserved.
ERROR_MASK_DS2
13:0
RW
0
Error mask for global error vector - DS2
triggers (sticky and non-sticky):
[13] = Chroma channel ancillary data
checksum error mask (non-sticky version)
[12] = Luma channel ancillary data
checksum error mask (non-sticky version)
[11] = Chroma channel CRC error mask
(non-sticky version)
[10] = Luma channel CRC error mask
(non-sticky version)
[9] = Line number error mask (non-sticky
version)
[8] = SAV error mask (non-sticky version)
[7] = EAV error mask (non-sticky version)
[6] = Chroma channel ancillary data
checksum error mask (sticky version)
[5] = Luma channel ancillary data
checksum error mask (sticky version)
[4] = Chroma channel CRC error mask
(sticky version)
[3] = Luma channel CRC error mask (sticky
version)
[2] = Line number error mask (sticky
version)
[1] = SAV error mask (sticky version)
[0] = EAV error mask (sticky version)
84B
ACG_CTRL
RSVD
15:6
—
—
Reserved.
AUDIO_FREE_RUN
5:5
RW
0
0 = Audio digital PLL runs in acquisition
mode and tries to lock to REF_CLK
1 = Audio digital PLL runs in free run
mode and ignores the REF_CLK
SCLK_INV
4:4
RW
0
When HIGH, inverts polarity of output
serial audio clock.
AMCLK_INV
3:3
RW
0
When HIGH, inverts polarity of output
audio master clock.
RSVD
2:2
RW
0
Reserved.
AMCLK_SEL
1:0
RW
0
Audio Master Clock (AMCLK) select:
00b = 128fs
01b = 256fs
10b = 512fs
84C
RSVD
RSVD
15:0
—
—
Reserved.
Table 5-8: Video Core CSR Descriptions (Continued)
Addressh
Register Name
Parameter Name
Bit
Slice
R/W
Reset
Valueh
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com