Electronic Components Datasheet Search
  English  ▼

X  

GS3470 Datasheet(PDF) 125 Page - Semtech Corporation

Part # GS3470
Description  3G, HD, SD SDI Receiver
PDF  169 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS3470 Datasheet(HTML) 125 Page - Semtech Corporation

Back Button GS3470 Datasheet HTML 121Page - Semtech Corporation GS3470 Datasheet HTML 122Page - Semtech Corporation GS3470 Datasheet HTML 123Page - Semtech Corporation GS3470 Datasheet HTML 124Page - Semtech Corporation GS3470 Datasheet HTML 125Page - Semtech Corporation GS3470 Datasheet HTML 126Page - Semtech Corporation GS3470 Datasheet HTML 127Page - Semtech Corporation GS3470 Datasheet HTML 128Page - Semtech Corporation GS3470 Datasheet HTML 129Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 169 page
background image
GS3470
Final Data Sheet
Rev.8
PDS-060500
September 2017
125 of 169
Semtech
www.semtech.com
86D
OFFSET_
CORRECTION_
CFG
RSVD
15:7
—
—
Reserved.
IB_PD_OFFSET_PATH_1
6:6
RW
0
Powers down the offset DACs for input 1.
Shuts off all offset correction from that
input.
IB_PD_OFFSET_PATH_0
5:5
RW
0
Powers down the offset DACs for input 0.
Shuts off all offset correction from that
input.
RSVD
4:0
RW
0
Reserved.
86E
RSVD
RSVD
15:0
—
—
Reserved.
86F
LOS_CTRL
RSVD
15:9
—
—
Reserved.
LOS_AFE_SEL
8:8
RW
1
AFE select:
0 = Selects DDI0 (directly from pin) for LOS
sensing
1 = Selects DDI1 (directly from pin) for LOS
sensing
LOS_CD_TIME_
CONSTANT
7:6
RW
1
Time constant.
LOS_CD_HYSTERESIS
5:4
RW
1
LOS hysteresis.
RSVD
3:0
RW
5
Reserved.
870
DELAY_LINE_
CTRL_1
RSVD
15:15
—
—
Reserved.
PCLK_DELAY_SD
14:10
RW
0
Controls the offset for the delay line in SD:
00000b = No delay
11111b = Max delay
Step Size = 0.006 UI
PCLK_DELAY_HD
9:5
RW
0
Controls the offset for the delay line in HD:
00000b = No delay
11111b = Max delay
Step Size = 0.031 UI
PCLK_DELAY_3G
4:0
RW
0
Controls the offset for the delay line in 3G:
00000b = No delay
11111b = Max delay
Step Size = 0.031 UI
871
DELAY_LINE_
CTRL_2
RSVD
15:3
—
—
Reserved.
PCLK_INVERT_SD
2:2
RW
0
Controls the inversion of PCLK in SD.
PCLK_INVERT_HD
1:1
RW
0
Controls the inversion of PCLK in HD.
PCLK_INVERT_3G
0:0
RW
0
Controls the inversion of PCLK in 3G.
872 to 873
RSVD
RSVD
15:0
—
—
Reserved.
Table 5-8: Video Core CSR Descriptions (Continued)
Addressh
Register Name
Parameter Name
Bit
Slice
R/W
Reset
Valueh
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com