Electronic Components Datasheet Search
  English  ▼

X  

GS3470 Datasheet(PDF) 126 Page - Semtech Corporation

Part # GS3470
Description  3G, HD, SD SDI Receiver
PDF  169 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS3470 Datasheet(HTML) 126 Page - Semtech Corporation

Back Button GS3470 Datasheet HTML 122Page - Semtech Corporation GS3470 Datasheet HTML 123Page - Semtech Corporation GS3470 Datasheet HTML 124Page - Semtech Corporation GS3470 Datasheet HTML 125Page - Semtech Corporation GS3470 Datasheet HTML 126Page - Semtech Corporation GS3470 Datasheet HTML 127Page - Semtech Corporation GS3470 Datasheet HTML 128Page - Semtech Corporation GS3470 Datasheet HTML 129Page - Semtech Corporation GS3470 Datasheet HTML 130Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 169 page
background image
GS3470
Final Data Sheet
Rev.8
PDS-060500
September 2017
126 of 169
Semtech
www.semtech.com
874
CLK_GEN
RSVD
15:3
—
—
Reserved.
DDR_PHASE_
DET_INVERT
2:2
RW
1
Swaps the phase in DDR mode.
User can choose whether to start data
transmission from a rising edge or a falling
edge of the DDR clock.
RSVD
1:1
RW
0
Reserved.
SD_HD_DDR_SEL
0:0
RW
0
Enables DDR mode for SD, HD, and
non-SMPTE data if DDR is supported for
that specific rate.
875
PD_CTRL
RSVD
15:12
—
—
Reserved.
POL_INV
11:11
RW
0
Phase Detector Polarity Invert:
0 = PD uses normal data polarity
1 = PD uses inverted data polarity
RSVD
10:0
—
—
Reserved.
876
RSVD
RSVD
15:0
—
—
Reserved.
877
PIN_CSR_
SELECT
RSVD
15:3
—
—
Reserved.
20BIT_10BIT
2:2
RW
0
CSR value for 20BIT_10BIT to be used
when 20BIT_10BIT_PIN = 1
0 = Output parallel data bus is 10 bits
1 = Output parallel data bus is 20 bits
20BIT_10BIT_PIN
1:1
RW
0
Override for 20BIT_10BIT pin:
0 = Selects pin value
1 = Selects CSR value
IOPROC_EN
0:0
RW
1
CSR value for IOPROC_EN:
0 = Disables all video and audio
processing
1 = Enables all video and audio processing
that are not masked in the IOPROC_1,
IOPROC_2 registers
Table 5-8: Video Core CSR Descriptions (Continued)
Addressh
Register Name
Parameter Name
Bit
Slice
R/W
Reset
Valueh
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com