Electronic Components Datasheet Search
  English  ▼

X  

GS3470 Datasheet(PDF) 130 Page - Semtech Corporation

Part # GS3470
Description  3G, HD, SD SDI Receiver
PDF  169 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS3470 Datasheet(HTML) 130 Page - Semtech Corporation

Back Button GS3470 Datasheet HTML 126Page - Semtech Corporation GS3470 Datasheet HTML 127Page - Semtech Corporation GS3470 Datasheet HTML 128Page - Semtech Corporation GS3470 Datasheet HTML 129Page - Semtech Corporation GS3470 Datasheet HTML 130Page - Semtech Corporation GS3470 Datasheet HTML 131Page - Semtech Corporation GS3470 Datasheet HTML 132Page - Semtech Corporation GS3470 Datasheet HTML 133Page - Semtech Corporation GS3470 Datasheet HTML 134Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 130 / 169 page
background image
GS3470
Final Data Sheet
Rev.8
PDS-060500
September 2017
130 of 169
Semtech
www.semtech.com
8CF
RASTER_
STRUC_1_DS2
RSVD
15:14
—
—
Reserved.
WORDS_PER_
ACTLINE_DS2
13:0
RO
0
Words per active line.
8D0
RASTER_
STRUC_2_DS2
RSVD
15:14
—
—
Reserved.
WORDS_PER_LINE_DS2
13:0
RO
0
Total words per line.
8D1
RASTER_
STRUC_3_DS2
RSVD
15:11
—
—
Reserved.
LINES_PER_
FRAME_DS2
10:0
RO
0
Total lines per frame.
8D2
RASTER_
STRUC_4_DS2
RSVD
15:14
—
—
Reserved.
M_DS2
13:13
RO
0
Specifies M value:
0 = 1.000
1 = 1.001
STD_LOCK_DS2
12:12
RO
0
Video standard lock.
INT_PROG_DS2
11:11
RO
0
Interlaced or progressive.
ACTLINE_PER_
FIELD_DS2
10:0
RO
0
Active lines per frame.
8D3
GENERAL_
CONTROL
RSVD
15:5
—
—
Reserved.
DVB_NOISE_IMMUNITY
4:4
RW
0
Enables extra noise immunity when in
DVB_ASI mode:
0 = Exit DVB_ASI and enter SMPTE mode
when 3 TRSs in 2 lines
1 = Exit DVB_ASI and enter SMTPE mode
when 7 TRSs in 4 lines
LOCK_NOISE_
IMM_INCR
3:3
RW
0
Enables extra noise immunity on SMPTE
detected lock when HIGH by forcing
detection of 3 TRS words with the last 2
TRS words having the same alignment
before locking to SMPTE.
RSVD
2:0
RW
0
Reserved.
8D4 to 988
RSVD
RSVD
15:0
—
—
Reserved.
989
PD_IB_HS_
PATH_SEL
RSVD
15:10
—
—
Reserved.
PD_IB_HS_
PATH_SEL
9:9
RW
0
When set, XPOINT_PD can be used to
control the power down for the input
buffer high speed path.
RSVD
8:0
—
—
Reserved.
Table 5-8: Video Core CSR Descriptions (Continued)
Addressh
Register Name
Parameter Name
Bit
Slice
R/W
Reset
Valueh
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com