Electronic Components Datasheet Search
  English  ▼

X  

GS3470 Datasheet(PDF) 127 Page - Semtech Corporation

Part # GS3470
Description  3G, HD, SD SDI Receiver
PDF  169 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS3470 Datasheet(HTML) 127 Page - Semtech Corporation

Back Button GS3470 Datasheet HTML 123Page - Semtech Corporation GS3470 Datasheet HTML 124Page - Semtech Corporation GS3470 Datasheet HTML 125Page - Semtech Corporation GS3470 Datasheet HTML 126Page - Semtech Corporation GS3470 Datasheet HTML 127Page - Semtech Corporation GS3470 Datasheet HTML 128Page - Semtech Corporation GS3470 Datasheet HTML 129Page - Semtech Corporation GS3470 Datasheet HTML 130Page - Semtech Corporation GS3470 Datasheet HTML 131Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 169 page
background image
GS3470
Final Data Sheet
Rev.8
PDS-060500
September 2017
127 of 169
Semtech
www.semtech.com
878
IO_DRIVE_
STRENGTH
RSVD
15:9
—
—
Reserved.
CSR_PCLK_HIZ
9:9
RW
0
In auto rate detection mode (AUTO_MAN
= 1), when PCLK_UNLOCKED_HIZ_SEL is
HIGH,
0 = PCLK is active, regardless of locked
condition of device
1 = PCLK is HIZ when device is unlocked,
active when device is locked
MUTE_ON_NO_LOCK
8:8
RW
1
0 = Video data output bus is not muted
when not locked
1 = Parallel video data output bus is
muted (set to zero) when not locked
IO_DS_CTRL
7:6
RW
1
Drive strength control for PCLK:
00 b= 4mA
01b, 10b = 8mA
11b = 12mA
IO_DS_CTRL_STAT
5:4
RW
1
Drive strength control for STAT[5:0]:
00b = 4mA
01b, 10b = 8mA
11b = 12mA
IO_DS_CTRL_
DOUT_LSBS
3:2
RW
1
Drive strength control for DOUT[9:0]:
00b = 4mA
01b, 10b = 8mA
11b = 12mA
IO_DS_CTRL_
DOUT_MSBS
1:0
RW
1
Drive strength control for DOUT[19:10]:
00b = 4mA
01b, 10b = 8mA
11b = 12mA
879 to 87A
RSVD
RSVD
15:0
—
—
Reserved.
87B
OUTPUT_
BUFFER_
CTRL_1
RSVD
15:12
—
—
Reserved.
SWING_3G
11:8
RW
3
3G swing control.
Range = 482mV.
Step Size = 40mV.
SWING_HD
7:4
RW
3
HD swing control.
Range = 486mV.
Step Size = 40mV.
SWING_SD
3:0
RW
3
SD swing control.
Range = 498mV.
Step Size = 40mV.
Table 5-8: Video Core CSR Descriptions (Continued)
Addressh
Register Name
Parameter Name
Bit
Slice
R/W
Reset
Valueh
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com