Electronic Components Datasheet Search
  English  ▼

X  

CH577F Datasheet(PDF) 76 Page - Nanjing Qinheng Microelectronics Co., Ltd.

Part # CH577F
Description  ARM kernel
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WCH [Nanjing Qinheng Microelectronics Co., Ltd.]
Direct Link  http://wch.cn/
Logo WCH - Nanjing Qinheng Microelectronics Co., Ltd.

CH577F Datasheet(HTML) 76 Page - Nanjing Qinheng Microelectronics Co., Ltd.

Back Button CH577F Datasheet HTML 72Page - Nanjing Qinheng Microelectronics Co., Ltd. CH577F Datasheet HTML 73Page - Nanjing Qinheng Microelectronics Co., Ltd. CH577F Datasheet HTML 74Page - Nanjing Qinheng Microelectronics Co., Ltd. CH577F Datasheet HTML 75Page - Nanjing Qinheng Microelectronics Co., Ltd. CH577F Datasheet HTML 76Page - Nanjing Qinheng Microelectronics Co., Ltd. CH577F Datasheet HTML 77Page - Nanjing Qinheng Microelectronics Co., Ltd. CH577F Datasheet HTML 78Page - Nanjing Qinheng Microelectronics Co., Ltd. CH577F Datasheet HTML 79Page - Nanjing Qinheng Microelectronics Co., Ltd. CH577F Datasheet HTML 80Page - Nanjing Qinheng Microelectronics Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 98 page
background image
75
(4)、可选的,如果使用中断方式,那么必须写 R8_TKEY_CTRL 以清零 RB_ADC_IF_EOC,同步骤 2;
(5)、估算目标按键电容,计算其充电时间,将充电周期数写入 R8_TKEY_CNT 寄存器,计算:
充电周期数 R8_TKEY_CNT = ( Ckey + 5pF 寄生 ) * Vkey / Ikey / Tsys,
(其中,0dB 增益时 Vkey 建议 1.6V,-6dB 增益时 Vkey 建议 2.4V,Ikey 约为 35uA)
假定触摸按键外部电容 Ckey=35pF,Fsys=16MHz,那么 R8_TKEY_CNT=29,
当计算结果小于 16 时用 16,在 110 与 128 之间时用 128;
(6)、查询等待 RB_TKEY_ACTION 为 0(或者,如果之前清零过则可等待 RB_ADC_IF_EOC 置 1)
,读取
R16_ADC_DATA 获取 12 位 ADC 转换数据,与同一通道的历次数值比较,分析判断出按键是否按下,建
议用软件分析去除干扰;
(7)、重复 3、4、5、6 步骤,可以继续检测下一通道的按键。
(8)、如果使用中断方式,那么将在中断服务程序中重复以下 4 个步骤:6 读取数据和判断、4 或 2 清
中断标志、3 选择通道、5 启动检测。



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com