Electronic Components Datasheet Search
  English  ▼

X  

CH577F Datasheet(PDF) 97 Page - Nanjing Qinheng Microelectronics Co., Ltd.

Part # CH577F
Description  ARM kernel
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WCH [Nanjing Qinheng Microelectronics Co., Ltd.]
Direct Link  http://wch.cn/
Logo WCH - Nanjing Qinheng Microelectronics Co., Ltd.

CH577F Datasheet(HTML) 97 Page - Nanjing Qinheng Microelectronics Co., Ltd.

Back Button CH577F Datasheet HTML 90Page - Nanjing Qinheng Microelectronics Co., Ltd. CH577F Datasheet HTML 91Page - Nanjing Qinheng Microelectronics Co., Ltd. CH577F Datasheet HTML 92Page - Nanjing Qinheng Microelectronics Co., Ltd. CH577F Datasheet HTML 93Page - Nanjing Qinheng Microelectronics Co., Ltd. CH577F Datasheet HTML 94Page - Nanjing Qinheng Microelectronics Co., Ltd. CH577F Datasheet HTML 95Page - Nanjing Qinheng Microelectronics Co., Ltd. CH577F Datasheet HTML 96Page - Nanjing Qinheng Microelectronics Co., Ltd. CH577F Datasheet HTML 97Page - Nanjing Qinheng Microelectronics Co., Ltd. CH577F Datasheet HTML 98Page - Nanjing Qinheng Microelectronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 97 / 98 page
background image
96
第 20 章 封装
芯片封装
封装形式
塑体宽度
引脚间距
封装说明
订货型号
QFN28
4*4mm
0.4mm
15.7mil
方形无引线 28 脚
CH577F
QFN48
5*5mm
0.35mm
13.8mil
方形无引线 48 脚
CH578M
说明:尺寸标注的单位是 mm(毫米)
,引脚中心间距是标称值,除此之外的尺寸误差不大于±0.2mm。



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com