Electronic Components Datasheet Search
  English  ▼

X  

IT8705AF Datasheet(PDF) 101 Page - List of Unclassifed Manufacturers

Part # IT8705AF
Description  Simple Low Pin Count Input/Output (simple LPC I/O)
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

IT8705AF Datasheet(HTML) 101 Page - List of Unclassifed Manufacturers

Back Button IT8705AF Datasheet HTML 97Page - List of Unclassifed Manufacturers IT8705AF Datasheet HTML 98Page - List of Unclassifed Manufacturers IT8705AF Datasheet HTML 99Page - List of Unclassifed Manufacturers IT8705AF Datasheet HTML 100Page - List of Unclassifed Manufacturers IT8705AF Datasheet HTML 101Page - List of Unclassifed Manufacturers IT8705AF Datasheet HTML 102Page - List of Unclassifed Manufacturers IT8705AF Datasheet HTML 103Page - List of Unclassifed Manufacturers IT8705AF Datasheet HTML 104Page - List of Unclassifed Manufacturers IT8705AF Datasheet HTML 105Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 185 page
background image
www.ite.com.tw
IT8705F V0.4
87
Functional Description
9.5.3.2.39
Beep Frequency Divisor of Voltage Event Register (Index=5Eh, Default=00h)
Bit
R/W
Description
7-4
R/W
Tone Divisor. Tone=500/(bits[7:4]+1).
3-0
R/W
Frequency Divisor. Frequency=10K/(bits[3:0]+1).
9.5.3.2.40
Beep Frequency Divisor of Temperature Event Register (Index=5Fh, Default=00h)
Bit
R/W
Description
7-4
R/W
Tone Divisor. Tone=500/(bits[7:4]+1).
3-0
R/W
Frequency Divisor. Frequency=10K/(bits[3:0]+1).
9.5.3.2.41
FAN_CTL3-1 SmartGuardian Automatic Mode Temperature Limit of OFF Registers
(Index=70h, 68h, 60h, Default=7Fh)
Bit
R/W
Description
7-0
R/W
Temperature Limit Value of Fan OFF.
9.5.3.2.42
FAN_CTL3-1 SmartGuardian Automatic Mode Temperature Limit of Fan Start Registers
(Index=71h, 69h, 61h, Default=7Fh)
Bit
R/W
Description
7-0
R/W
Temperature Limit Value of Fan start.
9.5.3.2.43
FAN_CTL3-1 SmartGuardian Automatic Mode Temperature Limit of Full Speed Registers
(Index=72h, 6Ah, 62h, Default=7Fh)
Bit
R/W
Description
7-0
R/W
Temperature Limit value of Fan Full Speed
9.5.3.2.44
FAN_CTL3-1 SmartGuardian Automatic Mode Start PWM Registers (Index=73h, 6Bh, 63h,
Default=00h)
Bit
R/W
Description
7
R/W
Reserved
6-0
R/W
Start PWM Value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com