Electronic Components Datasheet Search
  English  ▼

X  

IT8705AF Datasheet(PDF) 91 Page - List of Unclassifed Manufacturers

Part # IT8705AF
Description  Simple Low Pin Count Input/Output (simple LPC I/O)
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

IT8705AF Datasheet(HTML) 91 Page - List of Unclassifed Manufacturers

Back Button IT8705AF Datasheet HTML 87Page - List of Unclassifed Manufacturers IT8705AF Datasheet HTML 88Page - List of Unclassifed Manufacturers IT8705AF Datasheet HTML 89Page - List of Unclassifed Manufacturers IT8705AF Datasheet HTML 90Page - List of Unclassifed Manufacturers IT8705AF Datasheet HTML 91Page - List of Unclassifed Manufacturers IT8705AF Datasheet HTML 92Page - List of Unclassifed Manufacturers IT8705AF Datasheet HTML 93Page - List of Unclassifed Manufacturers IT8705AF Datasheet HTML 94Page - List of Unclassifed Manufacturers IT8705AF Datasheet HTML 95Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 185 page
background image
www.ite.com.tw
IT8705F V0.4
77
Functional Description
9.5.3
Registers
9.5.3.1
Address Port (Base+05h, Default=00h):
Bit
Description
7
Outstanding; Read only
This bit is set when a data write is performed to Address Port via the LPC Bus.
6-0
Index: Internal Address of RAM and Registers.
Table 9-2. Environment Controller Registers
Index
R/W
Default
Registers or Action
00h
R/W
08h
Configuration
01h
R
00h
Interrupt Status 1
02h
R
00h
Interrupt Status 2
03h
R
00h
Interrupt Status 3
04h
R/W
00h
SMI# Mask 1
05h
R/W
00h
SMI# Mask 2
06h
R/W
00h
SMI# Mask 3
07h
R/W
00h
Interrupt Mask 1
08h
R/W
00h
Interrupt Mask 2
09h
R/W
00h
Interrupt Mask 3
0Ah
R
-
Reserved Register
0Bh
R/W
09h
Fan Tachometer Divisor Register
0Ch
R/W
00h
Fan Tachometer 16-bit Counter Enable Register
0Dh
R
-
Fan Tachometer 1 Reading Register
0Eh
R
-
Fan Tachometer 2 Reading Register
0Fh
R
-
Fan Tachometer 3 Reading Register
10h
R/W
-
Fan Tachometer 1 Limit Register
11h
R/W
-
Fan Tachometer 2 Limit Register
12h
R/W
-
Fan Tachometer 3 Limit Register
13h
R/W
00h
Fan Controller Main Control Register
14h
R/W
00h
FAN_CTL Control Register
15h
R/W
00h
FAN_CTL1 PWM Control Register
16h
R/W
00h
FAN_CTL2 PWM Control Register
17h
R/W
00h
FAN_CTL3 PWM Control Register
18h
R
-
Fan Tachometer 1 Extended Reading Register
19h
R
-
Fan Tachometer 2 Extended Reading Register
1Ah
R
-
Fan Tachometer 3 Extended Reading Register
1Bh
R/W
-
Fan Tachometer 1 Extended Limit Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com