Electronic Components Datasheet Search
  English  ▼

X  

IT8705AF Datasheet(PDF) 52 Page - List of Unclassifed Manufacturers

Part # IT8705AF
Description  Simple Low Pin Count Input/Output (simple LPC I/O)
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

IT8705AF Datasheet(HTML) 52 Page - List of Unclassifed Manufacturers

Back Button IT8705AF Datasheet HTML 48Page - List of Unclassifed Manufacturers IT8705AF Datasheet HTML 49Page - List of Unclassifed Manufacturers IT8705AF Datasheet HTML 50Page - List of Unclassifed Manufacturers IT8705AF Datasheet HTML 51Page - List of Unclassifed Manufacturers IT8705AF Datasheet HTML 52Page - List of Unclassifed Manufacturers IT8705AF Datasheet HTML 53Page - List of Unclassifed Manufacturers IT8705AF Datasheet HTML 54Page - List of Unclassifed Manufacturers IT8705AF Datasheet HTML 55Page - List of Unclassifed Manufacturers IT8705AF Datasheet HTML 56Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 185 page
background image
www.ite.com.tw
IT8705F V0.4
38
IT8705F
8.3.9
GPIO Set 2 Multi-Function Pin Selection Register (Index=26h, Default=00h)
If the enabled bits are not set (0), the multi-function pins will perform the default functions. On the other hand,
if they are set (1), they will perform the GPIO functions. This register can be read from any LDN, but can only
be written if LDN=05h.
Bit
Description
7
Perform the function selection of pin 23
0: Select the Flash ROM Interface Address 7.
1: Select the General Purpose I/O 27.
6
Perform the function selection of pin 22
0: Select the Flash ROM Interface Address 6.
1: Select the General Purpose I/O 26.
5
Perform the function selection of pin 21
0: Select the Flash ROM Interface Address 5.
1: Select the General Purpose I/O 25.
4
Perform the function selection of pin 20
0: Select the Flash ROM Interface Address 4.
1: Select the General Purpose I/O 24.
3
Perform the function selection of pin 19
0: Select the Flash ROM Interface Address 3.
1: Select the General Purpose I/O 23.
2
Perform the function selection of pin 18
0: Select the Flash ROM Interface Address 2.
1: Select the General Purpose I/O 22.
1
Perform the function selection of pin 17
0: Select the Flash ROM Interface Address 1.
1: Select the General Purpose I/O 21.
0
Perform the function selection of pin 16
0: Select the Flash ROM Interface Address 0.
1: Select the General Purpose I/O 20.
8.3.10
GPIO Set 3 Multi-Function Pin Selection Register (Index=27h, Default=00h)
If the enabled bits are not set (0), the multi-function pins will perform the default functions. On the other hand,
if they are set (1), they will perform the GPIO functions. This register can be read from any LDN, but can only
be written if LDN=05h.
Bit
Description
7
Perform the function selection of pin 31
0: Select the Flash ROM Interface Address15.
1: Select the General Purpose I/O 37.
6
Perform the function selection of pin 30
0: Select the Flash ROM Interface Address 14.
1: Select the General Purpose I/O 36.
5
Perform the function selection of pin 29
0: Select the Flash ROM Interface Address13.
1: Select the General Purpose I/O 35.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com