Electronic Components Datasheet Search
  English  ▼

X  

IT8705AF Datasheet(PDF) 95 Page - List of Unclassifed Manufacturers

Part # IT8705AF
Description  Simple Low Pin Count Input/Output (simple LPC I/O)
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

IT8705AF Datasheet(HTML) 95 Page - List of Unclassifed Manufacturers

Back Button IT8705AF Datasheet HTML 91Page - List of Unclassifed Manufacturers IT8705AF Datasheet HTML 92Page - List of Unclassifed Manufacturers IT8705AF Datasheet HTML 93Page - List of Unclassifed Manufacturers IT8705AF Datasheet HTML 94Page - List of Unclassifed Manufacturers IT8705AF Datasheet HTML 95Page - List of Unclassifed Manufacturers IT8705AF Datasheet HTML 96Page - List of Unclassifed Manufacturers IT8705AF Datasheet HTML 97Page - List of Unclassifed Manufacturers IT8705AF Datasheet HTML 98Page - List of Unclassifed Manufacturers IT8705AF Datasheet HTML 99Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 185 page
background image
www.ite.com.tw
IT8705F V0.4
81
Functional Description
9.5.3.2.6
SMI# Mask Register 2 (Index=05h, Default=00h)
Bit
R/W
Description
7-0
R/W
A “1” disables the VIN7-0 interrupt status bit for SMI#.
9.5.3.2.7
SMI# Mask Register 3 (Index=06h, Default=00h)
Bit
R/W
Description
7-3
R/W
Reserved
2-0
R/W
A “1” disables the Temperature 3-1 interrupt status bit for SMI#.
9.5.3.2.8
Interrupt Mask Register 1 (Index=07h, Default=00h)
Bit
R/W
Description
7-5
R/W
Reserved
4
R/W
A “1” disables the Case Open Intrusion interrupt status bit for IRQ.
3
R/W
Reserved
2-0
R/W
A “1” disables the FAN_TAC3-1 interrupt status bit for IRQ.
9.5.3.2.9
Interrupt Mask Register 2 (Index=08h, Default=00h)
Bit
R/W
Description
7-0
R/W
A “1” disables the VIN7-0 interrupt status bit for IRQ.
9.5.3.2.10
Interrupt Mask Register 3 (Index=09h, Default=00h)
Bit
R/W
Description
7-3
R/W
Reserved
2-0
R/W
A “1” disables the Temperature 3-1 interrupt status bit for IRQ.
9.5.3.2.11
Reserved Register (Index=0Ah)
9.5.3.2.12
Fan Tachometer Divisor Register (Index=0Bh, Default=09h)
Bit
R/W
Description
7
-
Reserved
6
R/W
FAN_TAC3 Counter Divisor
0: divided by 2
1: divided by 8
FAN_TAC2 Counter Divisor
5-3
R/W
000: divided by 1
001: divided by 2
010: divided by 4
011: divided by 8
100: divided by 16
101: divided by 32
110: divided by 64
111: divided by 128
FAN_TAC1 Counter Divisor
2-0
R/W
000: divided by 1
001: divided by 2
010: divided by 4
011: divided by 8
100: divided by 16
101: divided by 32
110: divided by 64
111: divided by 128



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com