Electronic Components Datasheet Search
  English  ▼

X  

IT8705AF Datasheet(PDF) 76 Page - List of Unclassifed Manufacturers

Part # IT8705AF
Description  Simple Low Pin Count Input/Output (simple LPC I/O)
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

IT8705AF Datasheet(HTML) 76 Page - List of Unclassifed Manufacturers

Back Button IT8705AF Datasheet HTML 72Page - List of Unclassifed Manufacturers IT8705AF Datasheet HTML 73Page - List of Unclassifed Manufacturers IT8705AF Datasheet HTML 74Page - List of Unclassifed Manufacturers IT8705AF Datasheet HTML 75Page - List of Unclassifed Manufacturers IT8705AF Datasheet HTML 76Page - List of Unclassifed Manufacturers IT8705AF Datasheet HTML 77Page - List of Unclassifed Manufacturers IT8705AF Datasheet HTML 78Page - List of Unclassifed Manufacturers IT8705AF Datasheet HTML 79Page - List of Unclassifed Manufacturers IT8705AF Datasheet HTML 80Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 185 page
background image
www.ite.com.tw
IT8705F V0.4
62
IT8705F
8.10
Game Port Configuration Registers (LDN=06h)
8.10.1
Game Port Activate (Index=30h, Default=00h)
Bit
Description
7-1
Reserved
0
Game Port Enable
1: Enabled.
0: Disabled.
8.10.2
Game Port Base Address MSB Register (Index=60h, Default=02h)
Bit
Description
7-4
Read only with “0h” for Base Address[15:12].
3-0
Game Port Base Address MSB
Read/write, mapped as Base Address[11:8].
8.10.3
Game Port Base Address LSB Register (Index=61h, Default=01h)
Bit
Description
7-0
Game Port Base Address LSB
Read/write, mapped as Base Address[7:0].



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com