Electronic Components Datasheet Search
  English  ▼

X  

IT8705AF Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # IT8705AF
Description  Simple Low Pin Count Input/Output (simple LPC I/O)
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

IT8705AF Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button IT8705AF Datasheet HTML 4Page - List of Unclassifed Manufacturers IT8705AF Datasheet HTML 5Page - List of Unclassifed Manufacturers IT8705AF Datasheet HTML 6Page - List of Unclassifed Manufacturers IT8705AF Datasheet HTML 7Page - List of Unclassifed Manufacturers IT8705AF Datasheet HTML 8Page - List of Unclassifed Manufacturers IT8705AF Datasheet HTML 9Page - List of Unclassifed Manufacturers IT8705AF Datasheet HTML 10Page - List of Unclassifed Manufacturers IT8705AF Datasheet HTML 11Page - List of Unclassifed Manufacturers IT8705AF Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 185 page
background image
www.ite.com.tw
IT8705F V0.4
iv
IT8705F
9.5.3.2.4
Interrupt Status Register 3 (Index=03h, Default=00h) ..................... 80
9.5.3.2.5
SMI# Mask Register 1 (Index=04h, Default=00h) ............................ 80
9.5.3.2.6
SMI# Mask Register 2 (Index=05h, Default=00h) ............................ 81
9.5.3.2.7
SMI# Mask Register 3 (Index=06h, Default=00h) ............................ 81
9.5.3.2.8
Interrupt Mask Register 1 (Index=07h, Default=00h) ....................... 81
9.5.3.2.9
Interrupt Mask Register 2 (Index=08h, Default=00h) ....................... 81
9.5.3.2.10
Interrupt Mask Register 3 (Index=09h, Default=00h) ....................... 81
9.5.3.2.11
Reserved Register (Index=0Ah) ....................................................... 81
9.5.3.2.12
Fan Tachometer Divisor Register (Index=0Bh, Default=09h) .......... 81
9.5.3.2.13
Fan Tachometer 16-bit Counter Enable Register (Index=0Ch,
Default=00h) ..................................................................................... 82
9.5.3.2.14
Fan Tachometer 1-3 Reading Registers (Index=0Dh-0Fh).............. 82
9.5.3.2.15
Fan Tachometer 1-3 Limit Registers (Index=10h-12h) .................... 82
9.5.3.2.16
Fan Controller Main Control Register (Index=13h, Default=00h)..... 82
9.5.3.2.17
FAN_CTL Control Register (Index=14h, Default=00h) .................... 83
9.5.3.2.18
FAN_CTL1 PWM Control Register (Index=15h, Default=00h) ........ 83
9.5.3.2.19
FAN_CTL2 PWM Control Register (Index=16h, Default=00h) ........ 84
9.5.3.2.20
FAN_CTL3 PWM Control Register (Index=17h, Default=00h) ........ 84
9.5.3.2.21
Fan Tachometer 1-3 Extended Reading Registers (Index=18h-1Ah)
.......................................................................................................... 84
9.5.3.2.22
Fan Tachometer 1-3 Extended Limit Registers (Index=1Bh-1Dh) ... 84
9.5.3.2.23
VIN7-VIN0 Voltage Reading Registers (Index=27h-20h)................. 84
9.5.3.2.24
VBAT Voltage Reading Register (Index=28h).................................. 84
9.5.3.2.25
TMPIN3-1 Temperature Reading Registers (Index=2Bh-29h)......... 85
9.5.3.2.26
VIN7-0 Low Limit Registers (Index=3Fh, 3Dh, 3Bh, 39h, 37h, 35h,
33h, 31h) .......................................................................................... 85
9.5.3.2.27
TMPIN3-1 High Limit Registers (Index=44h, 42h, 40h) ................... 85
9.5.3.2.28
TMPIN3-1 Low Limit Registers (Index=45h, 43h, 41h) .................... 85
9.5.3.2.29
ADC Voltage Channel Enable Register (Index=50h, Default=00h) . 85
9.5.3.2.30
ADC Temperature Channel Enable Register (Index=51h,
Default=00h) ..................................................................................... 85
9.5.3.2.31
TMPIN3-1 Thermal Output Limit Registers (Index=54h-52h,
Default=7Fh)..................................................................................... 85
9.5.3.2.32
Thermal Diode Zero Degree Adjust 1 Register (Index=56h,
Default=56h) ..................................................................................... 86
9.5.3.2.33
Thermal Diode Zero Degree Adjust 2 Register (Index=57h,
Default=56h) ..................................................................................... 86
9.5.3.2.34
Vendor ID Register (Index=58h, Default=90h) ................................. 86
9.5.3.2.35
Thermal Diode Zero Degree 3 Adjust Register (Index=59h,
Default=56h) ..................................................................................... 86
9.5.3.2.36
Code ID Register (Index=5Bh, Default=12h) ................................... 86
9.5.3.2.37
Beep Event Enable Register (Index=5Ch, Default=00h).................. 86
9.5.3.2.38
Beep Frequency Divisor of Fan Event Register (Index=5Dh,
Default=00h) ..................................................................................... 86
9.5.3.2.39
Beep Frequency Divisor of Voltage Event Register (Index=5Eh,
Default=00h) ..................................................................................... 87
9.5.3.2.40
Beep Frequency Divisor of Temperature Event Register (Index=5Fh,
Default=00h) ..................................................................................... 87
9.5.3.2.41
FAN_CTL3-1 SmartGuardian Automatic Mode Temperature Limit of
OFF Registers (Index=70h, 68h, 60h, Default=7Fh)........................ 87
9.5.3.2.42
FAN_CTL3-1 SmartGuardian Automatic Mode Temperature Limit of
Fan Start Registers (Index=71h, 69h, 61h, Default=7Fh) ................ 87



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com