Electronic Components Datasheet Search
  English  ▼

X  

IT8705AF Datasheet(PDF) 32 Page - List of Unclassifed Manufacturers

Part # IT8705AF
Description  Simple Low Pin Count Input/Output (simple LPC I/O)
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

IT8705AF Datasheet(HTML) 32 Page - List of Unclassifed Manufacturers

Back Button IT8705AF Datasheet HTML 28Page - List of Unclassifed Manufacturers IT8705AF Datasheet HTML 29Page - List of Unclassifed Manufacturers IT8705AF Datasheet HTML 30Page - List of Unclassifed Manufacturers IT8705AF Datasheet HTML 31Page - List of Unclassifed Manufacturers IT8705AF Datasheet HTML 32Page - List of Unclassifed Manufacturers IT8705AF Datasheet HTML 33Page - List of Unclassifed Manufacturers IT8705AF Datasheet HTML 34Page - List of Unclassifed Manufacturers IT8705AF Datasheet HTML 35Page - List of Unclassifed Manufacturers IT8705AF Datasheet HTML 36Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 185 page
background image
www.ite.com.tw
IT8705F V0.4
18
IT8705F
Table 5-11. Pin Description of Flash ROM Interface Signals[cont’d]
Pin(s) No.
Signal
Attribute
Power
Description
24 – 25
FA[8:9]/
GP3[0:1]/
VID_O[3:4]
DO8/
DIOD8/
DO8
VCC
Flash ROM Interface Address[8:9] / General Purpose I/O
3[0:1] / Voltage ID Output [3:4].
• The first functions of these pins are the Flash ROM
Interface Address [8:9].
• The second functions of these pins are the General
Purpose I/O Port 3 Bits 0-1.
• The third functions of these pins are the Voltage ID Output
[3:4].
• The function configuration of this pin is determined by
programming the software configuration registers.
26
FA10/
GP32/
VID_O5
DO8/
DIOD8/
DO8
VCC
Flash ROM Interface Address 10 / General Purpose I/O
32 / Voltage ID Output 5.
• The first functions of these pins are the Flash ROM
Interface Address 10.
• The second functions of these pins are the General
Purpose I/O Port 3 Bit 2.
• The third functions of these pins are the Voltage ID Output
5.
• The function configuration of this pin is determined by
programming the software configuration registers.
27
FA11/
GP33/
VID_I5
DO8/
DIOD8/
DI
VCC
Flash ROM Interface Address 11 / General Purpose I/O
33/ Voltage ID Input 5.
• The first functions of these pins are the Flash ROM
Interface Address 11.
• The second functions of these pins are the General
Purpose I/O Port 3 Bits 3.
• The third functions of these pins are the Voltage ID Input
5.
• The function configuration of this pin is determined by
programming the software configuration registers.
28 – 31
FA[12:15]/
GP3[4:7]
DO8/
DIOD8
VCC
Flash ROM Interface Address[12:15] / General Purpose
I/O 3[4:7].
• The first functions of these pins are the Flash ROM
Interface Address [12:15].
• The second functions of these pins are the General
Purpose I/O Port 3 Bits 4-7.
• The function configuration of this pin is determined by
programming the software configuration registers.
32 – 33
FA[16:17]/
GP5[0:1]
DO8/
DIOD8
VCC
Flash ROM Interface Address[16:17]/ General Purpose
I/O 5[0:1].
• The first function of these pins is Flash ROM Interface
address [16:17].
• The second function of these pins is General Purpose I/O
Port 5 Bits 0-1.
• The function configurations of these pins are determined
by programming the software configuration registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com