Electronic Components Datasheet Search
  English  ▼

X  

IT8705AF Datasheet(PDF) 72 Page - List of Unclassifed Manufacturers

Part # IT8705AF
Description  Simple Low Pin Count Input/Output (simple LPC I/O)
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

IT8705AF Datasheet(HTML) 72 Page - List of Unclassifed Manufacturers

Back Button IT8705AF Datasheet HTML 68Page - List of Unclassifed Manufacturers IT8705AF Datasheet HTML 69Page - List of Unclassifed Manufacturers IT8705AF Datasheet HTML 70Page - List of Unclassifed Manufacturers IT8705AF Datasheet HTML 71Page - List of Unclassifed Manufacturers IT8705AF Datasheet HTML 72Page - List of Unclassifed Manufacturers IT8705AF Datasheet HTML 73Page - List of Unclassifed Manufacturers IT8705AF Datasheet HTML 74Page - List of Unclassifed Manufacturers IT8705AF Datasheet HTML 75Page - List of Unclassifed Manufacturers IT8705AF Datasheet HTML 76Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 185 page
background image
www.ite.com.tw
IT8705F V0.4
58
IT8705F
8.9.19
SMI# Control Register (Index=F0h, Default=00h)
Bit
Description
7
Reserved
6
SMI# of MIDI IRQ Enable
Enable the generation of an SMI# due to MIDI Port’s IRQ (EN_CIRQ).
5
SMI# of CIR IRQ Enable
Enable the generation of an SMI# due to CIR’s IRQ (EN_CIRQ).
4
SMI# of EC IRQ Enable
Enable the generation of an SMI# due to Environment Controller’s IRQ (EN_ECIRQ).
3
SMI# of PPORT IRQ Enable
Enable the generation of an SMI# due to Parallel Port’s IRQ (EN_PIRQ).
2
SMI# of UART2 IRQ Enable
Enable the generation of an SMI# due to Serial Port 2’s IRQ (EN_S2IRQ).
1
SMI# of UART1 IRQ Enable
Enable the generation of an SMI# due to Serial Port 1’s IRQ (EN_S1IRQ).
0
SMI# of FDC IRQ Enable
Enable the generation of an SMI# due to FDC’s IRQ (EN_FIRQ).
8.9.20
SMI# Status Register (Index=F2h, Default=00h)
This register is used to read the status of SMI# inputs.
Bit
Description
7
Reserved
6
The generation of an SMI# due to MIDI Port’s IRQ.
5
The generation of an SMI# due to CIR’s IRQ.
4
The generation of an SMI# due to Environment Controller’s IRQ.
3
The generation of an SMI# due to Parallel Port’s IRQ.
2
The generation of an SMI# due to Serial Port 2’s IRQ.
1
The generation of an SMI# due to Serial Port 1’s IRQ.
0
The generation of an SMI# due to FDC’s IRQ.
8.9.21
SMI# Pin Mapping Register (Index=F5h, Default=00h)
Bit
Description
7
Reserved
6
SMI# Direct Access Enable
0: Disable SMI# Direct Access (default)
1: Enable SMI# Direct Access.
5-0
SMI# Pin Location
Please see Location mapping table
note3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com