Electronic Components Datasheet Search
  English  ▼

X  

IT8705AF Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # IT8705AF
Description  Simple Low Pin Count Input/Output (simple LPC I/O)
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

IT8705AF Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  IT8705AF Datasheet HTML 1Page - List of Unclassifed Manufacturers IT8705AF Datasheet HTML 2Page - List of Unclassifed Manufacturers IT8705AF Datasheet HTML 3Page - List of Unclassifed Manufacturers IT8705AF Datasheet HTML 4Page - List of Unclassifed Manufacturers IT8705AF Datasheet HTML 5Page - List of Unclassifed Manufacturers IT8705AF Datasheet HTML 6Page - List of Unclassifed Manufacturers IT8705AF Datasheet HTML 7Page - List of Unclassifed Manufacturers IT8705AF Datasheet HTML 8Page - List of Unclassifed Manufacturers IT8705AF Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 185 page
background image
www.ite.com.tw
IT8705F V0.4
1
Revision History
Revision History
Note: Words in bold typeface in the revisions below indicate the changes.
Section
Revision
Page No.
1
• The feature of Flash ROM Interface was revised.
• Added a new feature “Only for IT8705AF”.
1
2
• In the fourth paragraph, “There is also a flash ROM interface with Address
(FA[0:18])” was changed into “There is also a flash ROM interface with
Address (FA[0:19])”.
3
4
• Pin 26 was revised to “FA10/VID_O5/GP32”.
• Pin 27 was revised to “FA11/VID_I5/GP33”.
• Pin 49 was revised to “JSACX/GP40/FAN_TAC1S 5”.
• Pin 50 was revised to “JSACY/GP41/ FAN_TAC2S”.
• Pin 51 was revised to “JSAB1/GP42/ FAN_TAC3S”.
• Pin 52 was revised to “JSAB2/GP43/ FAN_CTL3S”.
• Pin 55 was revised to “JSBB1/GP46/ FAN_CTL1S”.
• Pin 56 was revised to “JSBB2/GP47/ FAN_CTL2S”.
• Pin 61 was revised to “DRVB#/SCCLK/FA19”.
• Pin 87 was revised to “TMPIN3/COPEN#”.
• Pin 91 was revised to “VIN7/TMPIN3”.
7
5
• In table 5-3, the signal and description of pin 91 and 87 were revised.
• In table 5-7, the signal, attribute and description of pin 49 to 52 and pin 55
to 56 were revised.
• In table 5-10, the signal, attribute and description of pin 61 were revised.
• In table 5-11, the signal, attribute and description of pin 26 to 31 were
revised.
10-18
6
• In section six, the signal and description of pin 26, 27, 49 to 52, 55, 56
and 80 were revised.
22-23
8
• In table 8-1, index 2Bh was added.
28
• In table 8-7, index D8h, D9h and DAh were added.
32
• In section 8.3.5, the default value was changed into “03h”
35
• In section 8.3.6, the description of bit 5 was revised.
• In section 8.3.7, the description of bit 1 was revised.
36
• Section 8.3.14 GPIO Set 4 Alternate Multi-Function Pin Selection Register
(Index=2Bh, Default=00h) was added.
42
• In section 8.5.5, 8.6.5 and 8.6.6, the description of bit 3 was revised.
45-47
• In section 8.8.10, the description of bit 2 was revised.
52



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com