Electronic Components Datasheet Search
  English  ▼

X  

IT8705AF Datasheet(PDF) 44 Page - List of Unclassifed Manufacturers

Part # IT8705AF
Description  Simple Low Pin Count Input/Output (simple LPC I/O)
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

IT8705AF Datasheet(HTML) 44 Page - List of Unclassifed Manufacturers

Back Button IT8705AF Datasheet HTML 40Page - List of Unclassifed Manufacturers IT8705AF Datasheet HTML 41Page - List of Unclassifed Manufacturers IT8705AF Datasheet HTML 42Page - List of Unclassifed Manufacturers IT8705AF Datasheet HTML 43Page - List of Unclassifed Manufacturers IT8705AF Datasheet HTML 44Page - List of Unclassifed Manufacturers IT8705AF Datasheet HTML 45Page - List of Unclassifed Manufacturers IT8705AF Datasheet HTML 46Page - List of Unclassifed Manufacturers IT8705AF Datasheet HTML 47Page - List of Unclassifed Manufacturers IT8705AF Datasheet HTML 48Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 185 page
background image
www.ite.com.tw
IT8705F V0.4
30
IT8705F
Table 8-5. Parallel Port Configuration Registers
LDN
Index
R/W
Reset
Configuration Registers or Action
03h
30h
R/W
00h
Parallel Port Activate
03h
60h
R/W
03h
Parallel Port Primary Base Address MSB Register
03h
61h
R/W
78h
Parallel Port Primary Base Address LSB Register
03h
62h
R/W
07h
Parallel Port Secondary Base Address MSB Register
03h
63h
R/W
78h
Parallel Port Secondary Base Address LSB Register
03h
64h
R/W
00h
POST Data Port Base Address MSB Register
03h
65h
R/W
80h
POST Data Port Base Address LSB Register
03h
70h
R/W
07h
Parallel Port Interrupt Level Select
03h
74h
R/W
03h
Parallel Port DMA Channel Select
*2
03h
F0h
R/W
03h
*3
Parallel Port Special Configuration Register
Table 8-6. Environment Controller Configuration Registers
LDN
Index
R/W
Reset
Configuration Registers or Action
04h
30h
R/W
00h
Environment Controller Activate
04h
60h
R/W
02h
Environment Controller Primary Base Address MSB
Register
04h
61h
R/W
90h
Environment Controller Primary Base Address LSB
Register
04h
62h
R/W
02h
PME Direct Access Base Address MSB Register
04h
63h
R/W
30h
PME Direct Access Base Address LSB Register
04h
70h
R/W
09h
Environment Controller Interrupt Level Select
04h
F0h
R/W
00h
PME Event Enable Register
04h
F1h
R/W
00h
PME Status Register
04h
F2h
R/W
00h
PME Control Register 1
04h
F3h
R/W
00h
Environment Controller Special Configuration Register
04h
F4h
R-R/W
00h
PME Control Register 2
04h
F5h
R/W
-
PME Special Code Index Register
04h
F6h
R/W
-
PME Special Code Data Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com