Electronic Components Datasheet Search
  English  ▼

X  

IT8705AF Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # IT8705AF
Description  Simple Low Pin Count Input/Output (simple LPC I/O)
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

IT8705AF Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  IT8705AF Datasheet HTML 1Page - List of Unclassifed Manufacturers IT8705AF Datasheet HTML 2Page - List of Unclassifed Manufacturers IT8705AF Datasheet HTML 3Page - List of Unclassifed Manufacturers IT8705AF Datasheet HTML 4Page - List of Unclassifed Manufacturers IT8705AF Datasheet HTML 5Page - List of Unclassifed Manufacturers IT8705AF Datasheet HTML 6Page - List of Unclassifed Manufacturers IT8705AF Datasheet HTML 7Page - List of Unclassifed Manufacturers IT8705AF Datasheet HTML 8Page - List of Unclassifed Manufacturers IT8705AF Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 185 page
background image
www.ite.com.tw
IT8705F V0.4
2
IT8705F
Section
Revision
Page No.
• Added the following three sections:
8.9.16 Flash ROM I/F Special Write Mask Based Address MSB Register
(Index=D8h, Default=00h)
8.9.17 Flash ROM I/F Special Write Mask Based Address LSB Register
(Index=D9h, Default=00h)
8.9.18 Flash ROM I/F Special Write Mask Size Control Register
(Index=DAh, Default=00h)
57
• In section 8.9.22, the description of bit 7-6 was revised.
59
• Section 8.9.30 VID Input Register and section 8.9.31 VID Output Register
were revised.
61
9
• In Table 9-2. Environment Controller Registers, the Registers or Action for
index 0Ah, 0Ch, 18h, 19h, 1Ah, 1Bh, 1Ch, 1Dh, 48h, 56h, 57h, 61h –64h,
69h, 6Ah-6Ch, and 71h-74h were revised.
77-79
• Added section 9.5.3.2.11 Reserved Register (Index=0Ah).
81
• Added section 9.5.3.2.13 Fan Tachometer 16-bit Counter Enable
Register.
82
• In section 9.5.3.2.16Fan Controller Main Control Register, the
descriptions of pin 6-4 and 3 were revised.
82
• In section 9.5.3.2.17FAN_CTL Control Register, the descriptions of pin 6-
4 and 3 were revised.
83
• Added the following eight sections:
9.5.3.2.21Fan Tachometer 1-3 Extended Reading Registers
9.5.3.2.22Fan Tachometer 1-3 Extended Limit Registers
9.5.3.2.32 Thermal Diode Zero Degree Adjust 1 Register
9.5.3.2.33 Thermal Diode Zero Degree Adjust 2 Register and Code ID
Register
9.5.3.2.42FAN_CTL3-1 SmartGuardian Automatic Mode Temperature Limit
of Fan Start Registers
9.5.3.2.43FAN_CTL3-1 SmartGuardian Automatic Mode Temperature Limit
of Full Speed Registers
9.5.3.2.44FAN_CTL3-1 SmartGuardian Automatic Mode Start PWM
Registers
9.5.3.2.45FAN_CTL3-1 SmartGuardian Automatic Mode Control Registers
84-88
• In section 9.5.4.5 Fan Tachometer, the content was revised to “The Fan
Tachometer inputs gate a 22.5 kHz clock into an 8-bit or a 16-bit counter
(maximum count=255 or 65535) for one period of the input signals.’’
90
• In section 9.5.4.7FAN Controller FAN_CTL’s ON-OFF and
SmartGuardian Modes, the last paragraph was revised.
92



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com