Electronic Components Datasheet Search
  English  ▼

X  

IT8705AF Datasheet(PDF) 89 Page - List of Unclassifed Manufacturers

Part # IT8705AF
Description  Simple Low Pin Count Input/Output (simple LPC I/O)
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

IT8705AF Datasheet(HTML) 89 Page - List of Unclassifed Manufacturers

Back Button IT8705AF Datasheet HTML 85Page - List of Unclassifed Manufacturers IT8705AF Datasheet HTML 86Page - List of Unclassifed Manufacturers IT8705AF Datasheet HTML 87Page - List of Unclassifed Manufacturers IT8705AF Datasheet HTML 88Page - List of Unclassifed Manufacturers IT8705AF Datasheet HTML 89Page - List of Unclassifed Manufacturers IT8705AF Datasheet HTML 90Page - List of Unclassifed Manufacturers IT8705AF Datasheet HTML 91Page - List of Unclassifed Manufacturers IT8705AF Datasheet HTML 92Page - List of Unclassifed Manufacturers IT8705AF Datasheet HTML 93Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 185 page
background image
www.ite.com.tw
IT8705F V0.4
75
Functional Description
GP I/O
Pin
0
1
1
0
Host Bus
WR#
RD#
Polarity
EN_SIMPLE
D-
TYPE
Panel Button De-bounce Bit-n
SMI#
EN_PULL-UP
De-bounce Circuit
status
RD#
Interrupt
Simple I/O Register Bit-n
OE_SIMPLE
Host
Bus
Figure 9-3. General Logic of GPIO Function
9.4
Power Management Event (PME#)
PME# is used to wake up the system from low-power states (S1-S5). There are three types of PME# events:
RI1#, RI2# and CIR events. RI1# and RI2# are Ring Indicator of Modem status at ACPI S1 or S2. A falling
edge on these pins issues PME# events if the enable bits are set.
A CIR event is generated if the input CIR RX pattern is the same as the previous stored pattern stored at
PME Special Code Index and Data Registers (LDN=04h, Index=F5h, and F6h). The total maximum physical
codes are nineteen bytes (from Index 20h to 32h). The first byte (Index 20h) is used to specify the pattern
length in bytes. Bits[7:0] are used when VCC is ON; and bits[3:0] when VCC goes OFF. The length
represented in each 4 bits will be incremented by 3 internally as the actual length to be compared. For most
of the CIR protocols, the first several bytes are always the same for each key (or pattern). The differences are
always placed in the last several bytes. Thus, the system designer can program the IT8705F to generate a
CIR PME# event as any keys when VCC is ON and a special key (i.e. POWER-ON) when VCC power goes
OFF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com