Electronic Components Datasheet Search
  English  ▼

X  

IT8705AF Datasheet(PDF) 92 Page - List of Unclassifed Manufacturers

Part # IT8705AF
Description  Simple Low Pin Count Input/Output (simple LPC I/O)
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

IT8705AF Datasheet(HTML) 92 Page - List of Unclassifed Manufacturers

Back Button IT8705AF Datasheet HTML 88Page - List of Unclassifed Manufacturers IT8705AF Datasheet HTML 89Page - List of Unclassifed Manufacturers IT8705AF Datasheet HTML 90Page - List of Unclassifed Manufacturers IT8705AF Datasheet HTML 91Page - List of Unclassifed Manufacturers IT8705AF Datasheet HTML 92Page - List of Unclassifed Manufacturers IT8705AF Datasheet HTML 93Page - List of Unclassifed Manufacturers IT8705AF Datasheet HTML 94Page - List of Unclassifed Manufacturers IT8705AF Datasheet HTML 95Page - List of Unclassifed Manufacturers IT8705AF Datasheet HTML 96Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 185 page
background image
www.ite.com.tw
IT8705F V0.4
78
IT8705F
Table9-3. Environment Controller Registers[cont’d]
Index
R/W
Default
Registers or Action
1Ch
R/W
-
Fan Tachometer 2 Extended Limit Register
1Dh
R/W
-
Fan Tachometer 3 Extended Limit Register
20h
R
-
VIN0 Voltage Reading Register
21h
R
-
VIN1 Voltage Reading Register
22h
R
-
VIN2 Voltage Reading Register
23h
R
-
VIN3 Voltage Reading Register
24h
R
-
VIN4 Voltage Reading Register
25h
R
-
VIN5 Voltage Reading Register
26h
R
-
VIN6 Voltage Reading Register
27h
R
-
VIN7 Voltage Reading Register
28h
R
-
VBAT Voltage Reading Register
29h
R
-
TMPIN1 Temperature Reading Register
2Ah
R
-
TMPIN2 Temperature Reading Register
2Bh
R
-
TMPIN3 Temperature Reading Register
30h
R/W
-
VIN0 High Limit Register
31h
R/W
-
VIN0 Low Limit Register
32h
R/W
-
VIN1 High Limit Register
33h
R/W
-
VIN1 Low Limit Register
34h
R/W
-
VIN2 High Limit Register
35h
R/W
-
VIN2 Low Limit Register
36h
R/W
-
VIN3 High Limit Register
37h
R/W
-
VIN3 Low Limit Register
38h
R/W
-
VIN4 High Limit Register
39h
R/W
-
VIN4 Low Limit Register
3Ah
R/W
-
VIN5 High Limit Register
3Bh
R/W
-
VIN5 Low Limit Register
3Ch
R/W
-
VIN6 High Limit Register
3Dh
R/W
-
VIN6 Low Limit Register
3Eh
R/W
-
VIN7 High Limit Register
3Fh
R/W
-
VIN7 Low Limit Register
40h
R/W
-
TMPIN1 High Limit Register
41h
R/W
-
TMPIN1 Low Limit Register
42h
R/W
-
TMPIN2 High Limit Register
43h
R/W
-
TMPIN2 Low Limit Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com