Electronic Components Datasheet Search
  English  ▼

X  

IT8705AF Datasheet(PDF) 59 Page - List of Unclassifed Manufacturers

Part # IT8705AF
Description  Simple Low Pin Count Input/Output (simple LPC I/O)
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

IT8705AF Datasheet(HTML) 59 Page - List of Unclassifed Manufacturers

Back Button IT8705AF Datasheet HTML 55Page - List of Unclassifed Manufacturers IT8705AF Datasheet HTML 56Page - List of Unclassifed Manufacturers IT8705AF Datasheet HTML 57Page - List of Unclassifed Manufacturers IT8705AF Datasheet HTML 58Page - List of Unclassifed Manufacturers IT8705AF Datasheet HTML 59Page - List of Unclassifed Manufacturers IT8705AF Datasheet HTML 60Page - List of Unclassifed Manufacturers IT8705AF Datasheet HTML 61Page - List of Unclassifed Manufacturers IT8705AF Datasheet HTML 62Page - List of Unclassifed Manufacturers IT8705AF Datasheet HTML 63Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 185 page
background image
www.ite.com.tw
IT8705F V0.4
45
Configuration
8.5
Serial Port 1 Configuration Registers (LDN=01h)
8.5.1
Serial Port 1 Activate (Index=30h, Default=00h)
Bit
Description
7-1
Reserved
0
Serial Port 1 Enable
1: Enabled.
0: Disabled.
8.5.2
Serial Port 1 Base Address MSB Register (Index=60h, Default=03h)
Bit
Description
7-4
Read only as “0h” for Base Address[15:12].
3-0
Serial Port 1 Base Address MSB
Read/write, mapped as Base Address[11:8].
8.5.3
Serial Port 1 Base Address LSB Register (Index=61h, Default=F8h)
Bit
Description
7-3
Serial Port 1 Base Address LSB
Read/write, mapped as Base Address[7:3].
2-0
Read only as “000b”.
8.5.4
Serial Port 1 Interrupt Level Select (Index=70h, Default=04h)
Bit
Description
7-4
Reserved: default = “0h.”
3-0
Serial Port 1 Interrupt Level Select
Select the interrupt level
note1 for Serial Port 1.
8.5.5
Serial Port 1 Special Configuration Register (Index=F0h, Default=00h)
Bit
Description
7-4
Reserved: default = “00h”.
3
IRQ mode selection
1: No IRQ will be generated when MCR bit3 is from high to low.
0: Normal (default).
2-1
Clock Source
00: 24 MHz/13 (Standard).
Others: Reserved.
0
IRQ Sharing Enable
1: IRQ sharing.
0: Normal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com