Electronic Components Datasheet Search
  English  ▼

X  

IT8705AF Datasheet(PDF) 67 Page - List of Unclassifed Manufacturers

Part # IT8705AF
Description  Simple Low Pin Count Input/Output (simple LPC I/O)
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

IT8705AF Datasheet(HTML) 67 Page - List of Unclassifed Manufacturers

Back Button IT8705AF Datasheet HTML 63Page - List of Unclassifed Manufacturers IT8705AF Datasheet HTML 64Page - List of Unclassifed Manufacturers IT8705AF Datasheet HTML 65Page - List of Unclassifed Manufacturers IT8705AF Datasheet HTML 66Page - List of Unclassifed Manufacturers IT8705AF Datasheet HTML 67Page - List of Unclassifed Manufacturers IT8705AF Datasheet HTML 68Page - List of Unclassifed Manufacturers IT8705AF Datasheet HTML 69Page - List of Unclassifed Manufacturers IT8705AF Datasheet HTML 70Page - List of Unclassifed Manufacturers IT8705AF Datasheet HTML 71Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 185 page
background image
www.ite.com.tw
IT8705F V0.4
53
Configuration
8.8.11
PME Control Register 2 (PCR2) (Index=F4h, Default=00h)
Bit
Description
7
Reserved
6
This bit is active when the related pins are not selected as GPIO function.
1: SIR/ASKIR and CIR ports use the same pins (Pin 82 and Pin 83). Pins 84 and 85 are defined at
MIDI port.
0: Pins 82 and 83 are defined at SIR/ASKIR port, and pins 84 and 85 are defined at CIR port.
5-0
Reserved
8.8.12
PME Special Code Index Register (Index=F5h)
Bit
Description
7-6
Reserved (should be filled “00b”).
5-0
Indicate which Identification Key Code or CIR code register is to be read/written via 0xF6.
8.8.13
PME Special Code Data Register (Index=F6h)
There are 20 CIR event codes (Index 20h-32h) stored in this port. The index pointer is changed by PME
Special Code Index Register. The first byte (Index 20h) is used to specify the pattern length in bytes. Bits[7:4]
are used when VCC is ON, and bits[3:0] are used when VCC goes OFF. The minimum byte number is 3
(when bits[7:4] or bits[3:0]=0h), and the maximum byte number is 18 (when bits[7:4] or bits[3:0] =Fh).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com