Electronic Components Datasheet Search
  English  ▼

X  

IT8705AF Datasheet(PDF) 46 Page - List of Unclassifed Manufacturers

Part # IT8705AF
Description  Simple Low Pin Count Input/Output (simple LPC I/O)
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

IT8705AF Datasheet(HTML) 46 Page - List of Unclassifed Manufacturers

Back Button IT8705AF Datasheet HTML 42Page - List of Unclassifed Manufacturers IT8705AF Datasheet HTML 43Page - List of Unclassifed Manufacturers IT8705AF Datasheet HTML 44Page - List of Unclassifed Manufacturers IT8705AF Datasheet HTML 45Page - List of Unclassifed Manufacturers IT8705AF Datasheet HTML 46Page - List of Unclassifed Manufacturers IT8705AF Datasheet HTML 47Page - List of Unclassifed Manufacturers IT8705AF Datasheet HTML 48Page - List of Unclassifed Manufacturers IT8705AF Datasheet HTML 49Page - List of Unclassifed Manufacturers IT8705AF Datasheet HTML 50Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 185 page
background image
www.ite.com.tw
IT8705F V0.4
32
IT8705F
Table 8-7. GPIO Configuration Registers [cont’d]
LDN
Index
R/W
Reset
Configuration Registers or Action
05h
C4h
R/W
00h
Simple I/O Set 5 Enable Register
05h
C5h
R/W
00h
Simple I/O Set 6 Enable Register
05h
C8h
R/W
00h
Simple I/O Set 1 Output Enable Register
05h
C9h
R/W
00h
Simple I/O Set 2 Output Enable Register
05h
CAh
R/W
00h
Simple I/O Set 3 Output Enable Register
05h
CBh
R/W
00h
Simple I/O Set 4 Output Enable Register
05h
CCh
R/W
00h
Simple I/O Set 5 Output Enable Register
05h
CDh
R/W
00h
Simple I/O Set 6 Output Enable Register
05h
D0h
R/W
00h
Panel Button De-bounce Control Register
05h
D1h
R/W
00h
Panel Button De-bounce Set 1 Enable Register
05h
D2h
R/W
00h
Panel Button De-bounce Set 2 Enable Register
05h
D3h
R/W
00h
Panel Button De-bounce Set 3 Enable Register
05h
D4h
R/W
00h
Panel Button De-bounce Set 4 Enable Register
05h
D5h
R/W
00h
Panel Button De-bounce Set 5 Enable Register
05h
D6h
R/W
00h
Panel Button De-bounce Set 6 Enable Register
05h
D8h
R/W
00h
Flash ROM I/F Special Write Mask Based Address MSB
Register
05h
D9h
R/W
00h
Flash ROM I/F Special Write Mask Based Address LSB
Register
05h
DAh
R/W
00h
Flash ROM I/F Special Write Mask Size Control Register
05h
F0h
R/W
00h
SMI# Control Register
05h
F1h
R/W
00h
Reserved
05h
F2h
R/W
00h
SMI# Status Register
05h
F5h
R/W
00h
SMI# Pin Mapping
05h
F6h
R/W
00h
Hardware Monitor Alert Beep Pin Mapping Register
05h
F7h
R/W
00h
GP LED Blinking 1 Pin Mapping Register
05h
F8h
R/W
00h
GP LED Blinking 1 Control Register
05h
F9h
R/W
00h
GP LED Blinking 2 Pin Mapping Register
05h
FAh
R/W
00h
GP LED Blinking 2 Control Register
05h
FBh
R/W
00h
Watch Dog Timer Control Register
05h
FCh
R/W
00h
Watch Dog Timer Time-out output Pin Mapping Register
05h
FDh
R/W
00h
Watch Dog Timer Time-out Value Register
05h
FEh
RO
--
VID Input Register
05h
FFh
R/W
00h
VID Output Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com