Electronic Components Datasheet Search
  English  ▼

X  

IT8705AF Datasheet(PDF) 45 Page - List of Unclassifed Manufacturers

Part # IT8705AF
Description  Simple Low Pin Count Input/Output (simple LPC I/O)
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

IT8705AF Datasheet(HTML) 45 Page - List of Unclassifed Manufacturers

Back Button IT8705AF Datasheet HTML 41Page - List of Unclassifed Manufacturers IT8705AF Datasheet HTML 42Page - List of Unclassifed Manufacturers IT8705AF Datasheet HTML 43Page - List of Unclassifed Manufacturers IT8705AF Datasheet HTML 44Page - List of Unclassifed Manufacturers IT8705AF Datasheet HTML 45Page - List of Unclassifed Manufacturers IT8705AF Datasheet HTML 46Page - List of Unclassifed Manufacturers IT8705AF Datasheet HTML 47Page - List of Unclassifed Manufacturers IT8705AF Datasheet HTML 48Page - List of Unclassifed Manufacturers IT8705AF Datasheet HTML 49Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 185 page
background image
www.ite.com.tw
IT8705F V0.4
31
Configuration
Table 8-7. GPIO Configuration Registers
LDN
Index
R/W
Reset
Configuration Registers or Action
05h
60h
R/W
00h
Simple I/O Base Address MSB Register
05h
61h
R/W
00h
Simple I/O Base Address LSB Register
05h
62h
R/W
00h
Panel Button De-bounce Base Address MSB Register
05h
63h
R/W
00h
Panel Button De-bounce Base Address LSB Register
05h
64h
R/W
00h
SMI# Normal Run Access Base Address MSB Register
05h
65h
R/W
00h
SMI# Normal Run Access Base Address LSB Register
05h
70h
R/W
00h
Panel Button De-bounce Interrupt Level Select Register
05h
71h
R/W
00h
IRQ Routing Input 0 and 1Interrupt Level Select Register
05h
72h
R/W
00h
IRQ Routing Input 2 and 3 Interrupt Level Select
Register
05h
B0h
R/W
00h
GPIO Set 1 Pin Polarity Register
05h
B1h
R/W
00h
GPIO Set 2 Pin Polarity Register
05h
B2h
R/W
00h
GPIO Set 3 Pin Polarity Register
05h
B3h
R/W
00h
GPIO Set 4 Pin Polarity Register
05h
B4h
R/W
00h
GPIO Set 5 Pin Polarity Register
05h
B5h
R/W
00h
GPIO Set 6 Pin Polarity Register
05h
B8h
R/W
00h
GPIO Set 1 Pin Internal Pull-up Enable Register
05h
B9h
R/W
00h
GPIO Set 2 Pin Internal Pull-up Enable Register
05h
BAh
R/W
00h
GPIO Set 3 Pin Internal Pull-up Enable Register
05h
BBh
R/W
00h
GPIO Set 4 Pin Internal Pull-up Enable Register
05h
BCh
R/W
00h
GPIO Set 5 Pin Internal Pull-up Enable Register
05h
BDh
R/W
00h
GPIO Set 6 Pin Internal Pull-up Enable Register
05h
C0h
R/W
00h
Simple I/O Set 1 Enable Register
05h
C1h
R/W
00h
Simple I/O Set 2 Enable Register
05h
C2h
R/W
00h
Simple I/O Set 3 Enable Register
05h
C3h
R/W
00h
Simple I/O Set 4 Enable Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com