Electronic Components Datasheet Search
  English  ▼

X  

IT8705AF Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # IT8705AF
Description  Simple Low Pin Count Input/Output (simple LPC I/O)
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

IT8705AF Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button IT8705AF Datasheet HTML 2Page - List of Unclassifed Manufacturers IT8705AF Datasheet HTML 3Page - List of Unclassifed Manufacturers IT8705AF Datasheet HTML 4Page - List of Unclassifed Manufacturers IT8705AF Datasheet HTML 5Page - List of Unclassifed Manufacturers IT8705AF Datasheet HTML 6Page - List of Unclassifed Manufacturers IT8705AF Datasheet HTML 7Page - List of Unclassifed Manufacturers IT8705AF Datasheet HTML 8Page - List of Unclassifed Manufacturers IT8705AF Datasheet HTML 9Page - List of Unclassifed Manufacturers IT8705AF Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 185 page
background image
www.ite.com.tw
IT8705F V0.4
ii
IT8705F
8.6.5
Serial Port 2 Special Configuration Register 1 (Index=F0h, Default=00h) ........................... 46
8.6.6
Serial Port 2 Special Configuration Register 2 (Index=F1h, Default=50h)............................ 47
8.6.7
Serial Port 2 Special Configuration Register 3 (Index=F2h, Default=00h)........................... 47
8.6.8
Serial Port 2 Special Configuration Register 4 (Index=F3h, Default=7Fh)........................... 48
8.7
Parallel Port Configuration Registers (LDN=03h).......................................................................... 49
8.7.1
Parallel Port Activate (Index=30h, Default=00h) ................................................................... 49
8.7.2
Parallel Port Primary Base Address MSB Register (Index=60h, Default=03h) ...................... 49
8.7.3
Parallel Port Primary Base Address LSB Register (Index=61h, Default=78h) ..................... 49
8.7.4
Parallel Port Secondary Base Address MSB Register (Index=62h, Default=07h)................. 49
8.7.5
Parallel Port Secondary Base Address LSB Register (Index=63h, Default=78h) ................ 49
8.7.6
POST Data Port Base Address MSB Register (Index=64h, Default=00h)............................. 49
8.7.7
POST Data Port Base Address LSB Register (Index=65h, Default=80h) ............................ 50
8.7.8
Parallel Port Interrupt Level Select (Index =70h, Default=07h) ............................................ 50
8.7.9
Parallel Port DMA Channel Select (Index=74h, Default=03h) .............................................. 50
8.7.10 Parallel Port Special Configuration Register (Index=F0h, Default=03h) ............................... 50
8.8
Environment Controller Configuration Registers (LDN=04h) ........................................................ 51
8.8.1
Environment Controller Activate Register (Index=30h, Default=00h) ................................... 51
8.8.2
Environment Controller Primary Base Address MSB Register (Index=60h, Default=02h) .... 51
8.8.3
Environment Controller Primary Base Address LSB Register (Index=61h, Default=90h) ..... 51
8.8.4
PME Direct Access Base Address MSB Register (Index=62h, Default=02h)........................ 51
8.8.5
PME Direct Access Base Address LSB Register (Index=63h, Default=30h)......................... 51
8.8.6
Environment Controller Interrupt Level Select (Index=70h, Default=09h)............................ 51
8.8.7
PME Event Enable Register (Index=F0h, Default=00h)....................................................... 52
8.8.8
PME Status Register (Index=F1h, Default=00h) .................................................................. 52
8.8.9
PME Control Register 1 (PCR 1) (Index=F2h, Default=00h)................................................ 52
8.8.10 Environment Controller Special Configuration Register (Index=F3h, Default=00h)............. 52
8.8.11 PME Control Register 2 (PCR2) (Index=F4h, Default=00h)................................................. 53
8.8.12 PME Special Code Index Register (Index=F5h)................................................................... 53
8.8.13 PME Special Code Data Register (Index=F6h).................................................................... 53
8.9
GPIO Configuration Registers (LDN=05h) .................................................................................... 54
8.9.1
Simple I/O Base Address MSB Register (Index=60h, Default=00h) .................................... 54
8.9.2
Simple I/O Base Address LSB Register (Index=61h, Default=00h) ..................................... 54
8.9.3
Panel Button De-bounce Base Address MSB Register (Index=62h, Default=00h).............. 54
8.9.4
Panel Button De-bounce Base Address LSB Register (Index=63h, Default=00h)............... 54
8.9.5
SMI# Normal Run Access Base Address MSB Register (Index=64h, Default=00h) ........... 54
8.9.6
SMI# Normal Run Access Base Address LSB Register (Index=65h, Default=00h)............. 54
8.9.7
Panel Button De-bounce Interrupt Level Select Register (Index=70h, Default=00h)........... 55
8.9.8
IRQ Routing Input 0 and 1 Interrupt Level Select Register (Index=71h, Default=00h) ........ 55
8.9.9
IRQ Routing Input 2 and 3 Interrupt Level Select Register (Index=72h, Default=00h) ........ 55
8.9.10 GPIO Pin Set 1, 2, 3, 4, 5 and 6 Polarity Registers (Index=B0h, B1h, B2h, B3h, B4h and
B5h, Default=00h)
.......................................................................................................... 55
8.9.11 GPIO Pin Set 1, 2, 3, 4, 5 and 6 Pin Internal Pull-up Enable Registers (Index=B8h, B9h,
BAh, BBh, BCh and BDh, Default=00h) ............................................................................... 55
8.9.12 Simple I/O Set 1, 2, 3, 4, 5 and 6 Enable Registers (Index=C0h, C1h, C2h, C3h,C4h and
C5h, Default=00h)
.......................................................................................................... 56
8.9.13 Simple I/O Set 1, 2, 3, 4, 5 and 6 Output Enable Registers (Index=C8h,C9h,CAh,CBh,CCh
and CDh, Default=00h) ......................................................................................................... 56
8.9.14 Panel Button De-bounce Control Register (Index=D0h, Default=00h)................................. 56
8.9.15 Panel Button De-bounce Set 1, 2, 3, 4, 5 and 6 Enable Registers (Index=D1h, D2h, D3h,
D4h, D5h and D6h, Default=00h) ......................................................................................... 57
8.9.16 Flash ROM I/F Special Write Mask Based Address MSB Register (Index=D8h,
Default=00h)
.......................................................................................................... 57



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com