Electronic Components Datasheet Search
  English  ▼

X  

IT8705AF Datasheet(PDF) 97 Page - List of Unclassifed Manufacturers

Part # IT8705AF
Description  Simple Low Pin Count Input/Output (simple LPC I/O)
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

IT8705AF Datasheet(HTML) 97 Page - List of Unclassifed Manufacturers

Back Button IT8705AF Datasheet HTML 93Page - List of Unclassifed Manufacturers IT8705AF Datasheet HTML 94Page - List of Unclassifed Manufacturers IT8705AF Datasheet HTML 95Page - List of Unclassifed Manufacturers IT8705AF Datasheet HTML 96Page - List of Unclassifed Manufacturers IT8705AF Datasheet HTML 97Page - List of Unclassifed Manufacturers IT8705AF Datasheet HTML 98Page - List of Unclassifed Manufacturers IT8705AF Datasheet HTML 99Page - List of Unclassifed Manufacturers IT8705AF Datasheet HTML 100Page - List of Unclassifed Manufacturers IT8705AF Datasheet HTML 101Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 185 page
background image
www.ite.com.tw
IT8705F V0.4
83
Functional Description
9.5.3.2.17
FAN_CTL Control Register (Index=14h, Default=00h)
Bit
R/W
Description
7
R/W
FAN_CTL Polarity
0: Active Low.
1: Active High
6-4
R/W
PWM base clock select
000: 48Mhz.
001: 24Mhz.
010: 12Mhz
011: 8Mhz
100: 6Mhz
101: 3Mhz
110: 1.5Mhz
111: 0.75Mhz
3
R/W
PWM Minimum Duty Select
0: 0 %. For a given PWM value, the actual duty is PWM/128 X 100%.
1: 20 %. For a given PWM value (not 00h), the actual duty is (PWM+32)/160 X 100%. If
the given PWM value is 00h, the actual duty will be 0%
2-0
R/W
FAN_CTL3-1 ON/OFF Mode Control
These bits are only available when the relative output modes are selected in ON/OFF
mode.
0: OFF.
1: ON.
9.5.3.2.18
FAN_CTL1 PWM Control Register (Index=15h, Default=00h)
Bit
R/W
Description
7
R/W
FAN_CTL1 PWM mode Automatic/Software Operation Selection
0: Software operation.
1: Automatic operation.
6-0
R/W
128 steps of PWM control when in Software operation (bit 7=0), or
Temperature input selection when in Automatic operation (bit 7=1).
Bits[1:0]:
00: TMPIN1
01: TMPIN2
10: TMPIN3
11: Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com