Electronic Components Datasheet Search
  English  ▼

X  

IT8705AF Datasheet(PDF) 33 Page - List of Unclassifed Manufacturers

Part # IT8705AF
Description  Simple Low Pin Count Input/Output (simple LPC I/O)
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

IT8705AF Datasheet(HTML) 33 Page - List of Unclassifed Manufacturers

Back Button IT8705AF Datasheet HTML 29Page - List of Unclassifed Manufacturers IT8705AF Datasheet HTML 30Page - List of Unclassifed Manufacturers IT8705AF Datasheet HTML 31Page - List of Unclassifed Manufacturers IT8705AF Datasheet HTML 32Page - List of Unclassifed Manufacturers IT8705AF Datasheet HTML 33Page - List of Unclassifed Manufacturers IT8705AF Datasheet HTML 34Page - List of Unclassifed Manufacturers IT8705AF Datasheet HTML 35Page - List of Unclassifed Manufacturers IT8705AF Datasheet HTML 36Page - List of Unclassifed Manufacturers IT8705AF Datasheet HTML 37Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 185 page
background image
www.ite.com.tw
IT8705F V0.4
19
IT8705F Pin Descriptions
Table 5-11. Pin Description of Flash ROM Interface Signals[cont’d]
Pin(s) No.
Signal
Attribute
Power
Description
34
FRD#/GP5
2
DO8/
DIOD8
VCC
Flash ROM Interface Read Strobe # / General Purpose
I/O 52.
• The first function of this pin is the Flash ROM Interface
Read Strobe#.
• The second function of this pin is the General Purpose I/O
Port 5 Bit 2.
• The function configuration of this pin is determined by
programming the software configuration registers.
47
FCS#/GP53
/
SCIO
DO8/
DIOD8/
DIOD8
VCC
Flash ROM Interface Chip Select # / General Purpose
I/O 53 / Smart Card Serial Data I/O.
• The first function of this pin is the Flash ROM Interface
Chip Select #.
• The second function of this pin is the General Purpose I/O
Port 5 Bit 3.
• The third function of this pin is Smart Card Serial Data I/O.
• The function configuration of this pin is determined by
programming the software configuration registers.
48
FWE#/GP5
4
DO8/
DIOD8
VCC
Flash ROM Interface Write Enable #/ General Purpose
I/O 54.
• The first function of this pin is the Flash ROM Interface
Write Enable #.
• The second function of this pin is the General Purpose I/O
Port 5 Bit 4.
• The function configuration of this pin is determined by
programming the software configuration registers.
Table 5-12. Pin Description of Miscellaneous Signals
Pin(s) No.
Signal
Attribute
Power
Description
44
CLKIN
DI
VCC
24 MHz or 48 MHz Clock Input.
IO Cell:
DO: Digital Output
DO8: 8mA Digital output buffer
DO16: 16mA Digital output buffer
DO40: 48mA Digital output buffer
DOD40: 48mA Digital Open-Drain output buffer
DIOD8: 8mA Digital Open-Drain Input/Output buffer
DIO8: 8mA Digital Input/Output buffer
DIO24: 24mA Digital Input/Output buffer
DI: Digital Input
AI: Analog Input
AO: Analog Output
Note 1: In addition to providing a highly integrated chip, ITE has also implemented a “SmartGuardian Utility”
for hardware monitor application, providing a total solution for customers. The “SmartGuardian
Utility” and the application circuit of hardware monitor function (the function arrangement of VIN0-7,
TMPIN1-3, FAN_TAC1-3 and FAN_CTL1-3) are interdependent; that is, the “ Smart Guardian Utility”
is programmed according to the application circuit of hardware monitor function. ITE strongly
recommends customers to follow the referenced application circuit of IT8705F to reduce the “time-to-
market” schedule.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com