Electronic Components Datasheet Search
  English  ▼

X  

IT8705AF Datasheet(PDF) 38 Page - List of Unclassifed Manufacturers

Part # IT8705AF
Description  Simple Low Pin Count Input/Output (simple LPC I/O)
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

IT8705AF Datasheet(HTML) 38 Page - List of Unclassifed Manufacturers

Back Button IT8705AF Datasheet HTML 34Page - List of Unclassifed Manufacturers IT8705AF Datasheet HTML 35Page - List of Unclassifed Manufacturers IT8705AF Datasheet HTML 36Page - List of Unclassifed Manufacturers IT8705AF Datasheet HTML 37Page - List of Unclassifed Manufacturers IT8705AF Datasheet HTML 38Page - List of Unclassifed Manufacturers IT8705AF Datasheet HTML 39Page - List of Unclassifed Manufacturers IT8705AF Datasheet HTML 40Page - List of Unclassifed Manufacturers IT8705AF Datasheet HTML 41Page - List of Unclassifed Manufacturers IT8705AF Datasheet HTML 42Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 185 page
background image
www.ite.com.tw
IT8705F V0.4
24
IT8705F
Table 6-8. General Purpose I/O Group 6
Note [cont’d]
Signal
Pin #
Attribute
Description
IRTX/GP64
82
DO8/
DIOD8
Infrared Transmit Output / General Purpose I/O Port 6 Bit 4.
IRRX/GP65
83
DI/
DIOD8
Infrared Receive Input / General Purpose I/O Port 6 Bit 5.
CIRTX/
MIDI_OUT/
GP66
84
DO8/
DO8/
DIOD8
Consumer Infrared Transmit Output / MIDI Output / General Purpose
I/O Port 6 Bit 6.
CIRRX/
MIDI_IN/
GP67
85
DI/DI/
DIOD8
Consumer Infrared Receive Input / MIDI Input / General Purpose I/O
Port 6 Bit 7.
Note: The GPIO registers of these pins are powered by VCC, not VCCH.
Table 6-7. Programming of Pins 82, 83, 84, and 85
Programming Condition
All, 2Ah, Bit 4
LDN4, F4h, Bit 6
LDN7, F0h, Bit 5
Pin 82
1
X
X
GP64
0
0
X
IRTX
0
1
0
IRTX
0
1
1
CIRTX
Programming Condition
All, 2Ah, Bit 5
LDN4, F4h, Bit 6
Pin 83
1
X
GP65
0
0
IRRX
0
1
IRRX/CIRRX
Programming Condition
All, 2Ah, Bit 6
LDN4, F4h, Bit 6
Pin 84
1
X
GP66
0
0
CIRTX
0
1
MIDI_OUT
Programming Condition
All, 2Ah, Bit 7
LDN4, F4h, Bit 6
Pin 85
1
X
GP67
0
0
CIRRX
0
1
MIDI_IN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com