Electronic Components Datasheet Search
  English  ▼

X  

IT8705AF Datasheet(PDF) 64 Page - List of Unclassifed Manufacturers

Part # IT8705AF
Description  Simple Low Pin Count Input/Output (simple LPC I/O)
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

IT8705AF Datasheet(HTML) 64 Page - List of Unclassifed Manufacturers

Back Button IT8705AF Datasheet HTML 60Page - List of Unclassifed Manufacturers IT8705AF Datasheet HTML 61Page - List of Unclassifed Manufacturers IT8705AF Datasheet HTML 62Page - List of Unclassifed Manufacturers IT8705AF Datasheet HTML 63Page - List of Unclassifed Manufacturers IT8705AF Datasheet HTML 64Page - List of Unclassifed Manufacturers IT8705AF Datasheet HTML 65Page - List of Unclassifed Manufacturers IT8705AF Datasheet HTML 66Page - List of Unclassifed Manufacturers IT8705AF Datasheet HTML 67Page - List of Unclassifed Manufacturers IT8705AF Datasheet HTML 68Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 185 page
background image
www.ite.com.tw
IT8705F V0.4
50
IT8705F
8.7.7
POST Data Port Base Address LSB Register (Index=65h, Default=80h)
Bit
Description
7-0
POST Data Port Base Address LSB
Read/write, mapped as Base Address[7:0].
8.7.8
Parallel Port Interrupt Level Select (Index =70h, Default=07h)
Bit
Description
7-4
Reserved with default “0h”.
3-0
Interrupt Level Select
Select the interrupt level
note1 for Parallel Port.
8.7.9
Parallel Port DMA Channel Select (Index=74h, Default=03h)
Bit
Description
7-3
Reserved with default “00h”.
2-0
DMA Channel Select
Select the DMA channel
note2 for Parallel Port.
8.7.10
Parallel Port Special Configuration Register (Index=F0h, Default=03h)
Bit
Description
7-4
Reserved
3
POST Data Port Disable
1:
POST Data Port Disable.
0: POST Data Port Enable.
2
IRQ Sharing Enable
1: IRQ sharing.
0: Normal.
1-0
Parallel Port Mode
00: SPP (Standard Parallel Port mode)
01: SPP & EPP (Enhanced Parallel Port)
10: SPP & ECP (Extended Capabilities Parallel Port)
11: SPP & EPP & ECP
If the bit 1 is set, ECP mode is enabled. If the bit 0 is set, EPP mode is enabled. These two bits are
independent. However, according to the EPP spec., when Parallel Port Primary Base Address bit 2 is set to 1,
the EPP mode cannot be enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com